| 전자부품 데이터시트 검색엔진 |
|
TM-7ES 데이터시트(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
TM-7ES 데이터시트(HTML) 1 Page - Copal Electronics |
|
1 / 4 page ![]() 3 5 8 !0 1 2 9 7 6 4 Part name 1 2 3 4 5 6 7 8 9 !0 Shaft Base element Rotor gear Electrode Wiper Resistive element Terminal pin Material Flammability Housing Rubber cushion Adhesive ※ Please refer to the LIST OF PART NUMBERS when placing orders. RuO2 cermet Ceramic Epoxy Ag-Pd cermet Multi metal alloy Zinc alloy, Nickel-plated Polyamide Silicone rubber Polybutyleneterephthalate INTERNAL STRUCTURE ■ FEATURES O RoHS compliant O Fine setting is possible O Extremely small backlash (In house comparison) ■ PART NUMBER DESIGNATION T M - 7 E P 5 0 k Ω ( 5 0 3 ) Series name Resistance code Resistance value Product shape P: Top adjustment S:Side adjustment W: Top adjustment X:Side adjustment UL94V-0 — UL94HB UL94V-0 — TM-7 3 TURNS CERMET TRIMMERS Terminal pin E :Sn (Lead-free) Copper, Tin-plated RoHS compliant |
유사한 부품 번호 - TM-7ES |
|
유사한 설명 - TM-7ES |