| 전자부품 데이터시트 검색엔진 |
|
VPC3232D 데이터시트(PDF) 12 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
VPC3232D 데이터시트(HTML) 12 Page - Micronas |
|
12 / 78 page ![]() VPC 323xD, VPC 324xD ADVANCE INFORMATION 12 Micronas 2.3.8. PAL Compensation/1-H Comb Filter The color decoder uses one fully integrated delay line. Only active video is stored. The delay line application depends on the color stan- dard: –NTSC: 1-H comb filter or color compensation – PAL: color compensation – SECAM: crossover-switch In the NTSC compensated mode, Fig. 2–6 c), the color signal is averaged for two adjacent lines. Thus, cross-color distortion and chroma noise is reduced. In the NTSC 1-H comb filter mode, Fig. 2–6 d), the delay line is in the composite signal path, thus allowing reduction of cross-color components, as well as cross-luminance. The loss of vertical resolution in the luminance channel is compensated by adding the ver- tical detail signal with removed color information. If the 4H adaptive comb filter is used, the 1-H NTSC comb filter has to be deselected. Fig. 2–6: NTSC color decoding options Fig. 2–7: PAL color decoding options Fig. 2–8: SECAM color decoding chroma Notch filter 8 Chroma Process. CVBS Y 1 H Delay 8 CVBS Chroma Process. Notch filter Y 8 Chroma Process. Luma Y 8 C C r b C C r b C C r b Notch filter 1 H Delay 8 Chroma Process. CVBS Y C C r b d) comb filter c) compensated a) conventional b) S-VHS Chroma Notch filter 1 H Delay 8 Chroma Process. CVBS Y 8 Chroma Process. Luma Y 8 1 H Delay C C r b C C r b a) conventional b) S-VHS MUX Notch filter 1 H Delay 8 Chroma Process. CVBS Y C C r b |