전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RN171 데이터시트(PDF) 11 Page - Microchip Technology

부품명 RN171
상세설명  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN171 데이터시트(HTML) 11 Page - Microchip Technology

Back Button RN171 Datasheet HTML 7Page - Microchip Technology RN171 Datasheet HTML 8Page - Microchip Technology RN171 Datasheet HTML 9Page - Microchip Technology RN171 Datasheet HTML 10Page - Microchip Technology RN171 Datasheet HTML 11Page - Microchip Technology RN171 Datasheet HTML 12Page - Microchip Technology RN171 Datasheet HTML 13Page - Microchip Technology RN171 Datasheet HTML 14Page - Microchip Technology RN171 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
 2014-2016 Microchip Technology Inc.
DS70005171B-page 11
RN171
3.0
APPLICATION INFORMATION
The following sections provide application information,
such as an application schematic and antenna informa-
tion.
3.1
Schematic
Figure 3-1 and Figure 3-2 shows the RN171 applica-
tion schematic for direct power and battery boost
modes, respectively. Figure 3-3 shows a diagram with
the optional ISP header.
FIGURE 3-1:
RN171 APPLICATION SCHEMATIC – DIRECT POWER MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30