| 전자부품 데이터시트 검색엔진 |
|
MCS3142 데이터시트(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 데이터시트(HTML) 46 Page - Microchip Technology |
|
46 / 57 page ![]() MCS3142 Transmitter Fob Schematic 2014 Microchip Technology Inc. DS40001746A-page 45 TABLE A-1: MCS3142 TRANSMITTER BILL OF MATERIALS Designator Value Description Vendor Part Number ANT1 N/A Antenna Loop N/A N/A BT1 N/A Battery Holder MPD BK-912 C4 1000 pF Capacitor Murata GRM1555C1H102JA01D C6, C7 0.1 µF Capacitor Murata GRM155R71C104KA88D C8, C9 22 pF Capacitor Murata GRM1555C1H220JA01D D2 N/A LED Osram LS Q976-NR-1-0-20-R18 J1 N/A PICkit™ 2 ICSP™ Header N/A N/A R1 DNP Do Not Populate DNP DNP R2 DNP Do Not Populate DNP DNP R3 10 kW Resistor Yageo RC0402JR-0710KL R4 470 kW Resistor Yageo RC0402JR-07470RL R5, R7 0 kW Resistor Yageo RC0402JR-070RL R6, R8 DNP Do Not Populate DNP DNP SW0, SW1, SW2, SW3 N/A Switch Pad N/A N/A TP1, TP2, TP3, TP4, TP5 N/A Test Point N/A N/A U1 Microcontroller MCS3142-I/SS Microchip MCS3142-I/SS N/A N/A Enclosure Polycase FB-20-4*9 X2 32.768 kHz Crystal Abracon AB26TRB-32.768KHZ-T C5 1 nF Capacitor Murata GRM1555C1H102JA01D C3 0 kW Resistor Yageo RC0402JR-070RL C1 1 pF Capacitor Murata GRM1555C1H1R0CA01D L5 120 nH Inductor Murata LQG15HSR12J02D L4 39 nH Inductor Murata LQG15HS39NJ02D L3 2.2 pF Capacitor Murata GRM1555C1H2R2BA01D C2 DNP DNP DNP DNP L2 DNP DNP DNP DNP L1 0 kW Resistor Yageo RC0402JR-070RL X1 24 MHz Crystal Abracon ABM8G-26.000MHZ-18-D2Y-T C5 0 kW Resistor Yageo RC0402JR-070RL C3 10 pF Capacitor Murata GRM1555C1H100FA01D C1 1 pF Capacitor Murata GRM1555C1H1R0CA01D L5 120 nH Inductor Murata LQG15HSR12J02D L4 3 nH Inductor Murata LQG15HS3N0S02D L3 18 nH Inductor Murata LQG15HS18NJ02D C2 8.2 pF Capacitor Murata GRM1555C1H8R2CA01D L2 1.8 nH Inductor Murata LQG15HS1N8S02D L1 0 kW Resistor Yageo RC0402JR-070RL X1 26 MHz Crystal Abracon ABM8G-26.000MHZ-18-D2Y-T |