전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADE3000 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 ADE3000
상세설명  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button ADE3000 Datasheet HTML 24Page - STMicroelectronics ADE3000 Datasheet HTML 25Page - STMicroelectronics ADE3000 Datasheet HTML 26Page - STMicroelectronics ADE3000 Datasheet HTML 27Page - STMicroelectronics ADE3000 Datasheet HTML 28Page - STMicroelectronics ADE3000 Datasheet HTML 29Page - STMicroelectronics ADE3000 Datasheet HTML 30Page - STMicroelectronics ADE3000 Datasheet HTML 31Page - STMicroelectronics ADE3000 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
HDCP Block
ADE3XXX
28/88
Table 10: HDCP Registers
Register Name
Addr
Mode
Bits
Default
Description
HDCP_STATUS
0x0500
[7:3]
0x0
Reserved
R
[2:0]
0x0
Decrypt State Machine
0x0: Idle
0x1: Frame Key Recalc
0x2: Data
0x3: Unknown Blank
0x4: Horizontal Blank
0x5: Vertical Blank
0x6-0x7: Reserved
HDCP_CTRL
0x0501
R/W
[7:6]
0x0
Vsync Selection
0x0: IN_VSYNC
0x1: IN_VENAB Falling Edge
0x2: IN_VENAB Rising Edge
0x3: IN_VSYNC Falling Edge
R/W
[5:4]
0x0
Hsync Selection
0x0: IN_HSYNC
0x1: IN_ENAB Falling Edge
0x2: IN_ENAB Rising Edge
0x3: IN_HSYNC Falling Edge
R/W
[2]
0x0
Bypass HDCP block
R/W
[1]
0x0
Authentication OK from MCU
R/W
[0]
0x0
0: State Machine Standby
1: Trigger an Authentication Cycle
HDCP_AN0
0x0502
R/W
[7:0]
0x0
An
HDCP_AN1
0x0503
R/W
[7:0]
HDCP_AN2
0x0504
R/W
[7:0]
HDCP_AN3
0x0505
R/W
[7:0]
HDCP_AN4
0x0506
R/W
[7:0]
HDCP_AN5
0x0507
R/W
[7:0]
HDCP_AN6
0x0508
R/W
[7:0]
HDCP_AN7
0x0509
R/W
[7:0]
HDCP_KM0
0x050A
R/W
[7:0]
0x0
Kn
HDCP_KM1
0x050B
R/W
[7:0]
HDCP_KM2
0x050C
R/W
[7:0]
HDCP_KM3
0x050D
R/W
[7:0]
HDCP_KM4
0x050E
R/W
[7:0]
HDCP_KM5
0x050F
R/W
[7:0]
HDCP_KM6
0x0510
R/W
[7:0]
HDCP_R_L
0x0511
R/W
[7:0]
0x0
R
HDCP_R_H
0x0512
R/W
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88