| 전자부품 데이터시트 검색엔진 |
|
TO-252-2L 데이터시트(PDF) 1 Page - ZP Semiconductor |
|
|
|||||||||||||||||||||||||||||
TO-252-2L 데이터시트(HTML) 1 Page - ZP Semiconductor |
|
1 / 2 page ![]() TO-252-2L Plastic-Encapsulate MOSFETS CJU10N10 N-Channel Power MOSFET GENERAL DESCRIPTION The CJU10N10 provide excellent RDS(ON), low gate charge and operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications. FEATURE Excellent package for good heat dissipation Ultra low gate charge Low reverse transfer capacitance Fast switching capability Avalanche energy specified APPLICATION Power switching application Maximum ratings (Ta=25 ℃ unless otherwise noted) Parameter Symbol Value Unit Drain-Source Voltage VDS 100 Gate-Source Voltage VGS ±20 V Continuous Drain Current ID 9.6 Pulsed Drain Current IDM 38.4 A Single Pulsed Avalanche Energy (note1) EAS 150 mJ Thermal Resistance from Junction to Ambient RθJA 100 ℃/W Junction Temperature TJ 150 Storage Temperature Range TSTG -55 ~+150 Maximum lead temperature for soldering purposes , 1/8”from case for 5 seconds TL 260 ℃ TO-252-2L 1. GATE 2. DRAIN 3. SOURCE 1 of 2 sales@zpsemi.com www.zpsemi.com CJU10N10 |
유사한 부품 번호 - TO-252-2L |
|
유사한 설명 - TO-252-2L |