| 전자부품 데이터시트 검색엔진 |
|
ML620Q136 데이터시트(PDF) 13 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML620Q136 데이터시트(HTML) 13 Page - LAPIS Semiconductor Co., Ltd. |
|
13 / 33 page ![]() FEDL620Q130-02 ML620Q131/2/3/4/5/6 13/33 Table 2 Pin Description (2/4) Pin name I/O Description Primary/ Secondary/ Tertiary/ Quartic Logic Synchronous serial (SSIO) SIN I Synchronous serial data input pin. This pin is used as the secondary function of the PA4 pin or the quartic function of the PB4 pin. Secondary/ Quartic Positive SCK0 I/O High-speed clock input pin. This pin is used as the secondary function of the PA5 pin or the quartic function of the PB5 pin. Secondary/ Quartic — SOUT0 O High-speed clock output pin. This pin is used as the quartic function of the PA1 pin or the secondary function of the PA6 pin. Secondary/ Quartic Positive PWM PWMC O PWMC output pin. This pin is used as the secondary function of the PA0 and PB0 pins or the quartic function of the PB7 pin. Secondary/ Quartic Positive/ negative External interrupt EXI0 to 2 I External maskable interrupt input pins. Interrupt enable and edge selection can be performed for each bit by software. This pin is used as the primary function of the PA0 to PA2 pins. Primary Positive/ negative EXI4,5 I External maskable interrupt input pins. Interrupt enable and edge selection can be performed for each bit by software. This pin is used as the primary function of the PB0 and PB1 pins. Primary Positive/ negative Timer TnTG I External trigger input pin of the timer 0, timer 1, timer E, timer F, timer G, timer H, timer I, timer J, timer K, or timer L. This pin is used as the primary function of the PA0 to PA2 and PB0 to PB7 pins. Primary — TMJOUT O Timer J output pin. This pin is used as the tertiary function of PB5. Tertiary Positive TMFOUT O Timer F output pin. This pin is used as the tertiary function of PB6. Tertiary Positive LED drive LED0, 1 O Pins for LED driving. Allocated to the primary function of the PA0 and PB7 pins. Primary Positive/ negative |