| 전자부품 데이터시트 검색엔진 |
|
ADR540BRT-R2 데이터시트(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR540BRT-R2 데이터시트(HTML) 3 Page - Analog Devices |
|
3 / 16 page ![]() ADR520/ADR525/ADR530/ADR540/ADR550 Rev. A | Page 3 of 16 SPECIFICATIONS Table 2. ADR520 Electrical Characteristics @ IIN = 50 µA to 10 mA, TA = 25°C, unless otherwise noted Parameter Symbol Conditions Min Typ Max Unit Output Voltage Grade A Grade B VO 2.040 2.044 2.048 2.048 2.056 2.052 V V Initial Accuracy VOERR Grade A ±0.4% –8 +8 mV Grade B ±0.2% –4 +4 mV Temperature Coefficient1 TCVO –40°C < TA < +85°C Grade A 25 70 ppm/°C Grade B 15 40 ppm/°C Output Voltage Change vs. IIN ∆VR IIN = 0.1 mA to 10 mA –40°C < TA < +85°C IIN = 1 mA to 10 mA –40°C < TA < +85°C 1 4 2 mV mV mV Dynamic Output Impedance (∆VR/∆IR) IIN = 0.1 mA to10 mA 0.27 Ω Minimum Operating Current IIN –40°C < TA < +85°C 50 µA Voltage Noise eN p-p 0.1 Hz to 10 Hz 14 µV p-p Turn-On Settling Time tR 2 µs Output Voltage Hysteresis ∆VO_HYS IIN = 1 mA 40 ppm 1Guaranteed by design Table 3. ADR525 Electrical Characteristics @ IIN = 50 µA to 10 mA, TA = 25°C, unless otherwise noted Parameter Symbol Conditions Min Typ Max Unit Output Voltage Grade A Grade B VO 2.490 2.495 2.500 2.500 2.510 2.505 V V Initial Accuracy VOERR Grade A ±0.4% –10 +10 mV Grade B ±0.2% –5 +5 mV Temperature Coefficient1 TCVO –40°C < TA < +85°C Grade A 25 70 ppm/°C Grade B 15 40 ppm/°C Output Voltage Change vs. IIN ∆VR IIN = 0.1 mA to 10 mA –40°C < TA < +85°C IIN = 1 mA to 10 mA –40°C < TA < +85°C 1 4 2 mV mV mV Dynamic Output Impedance (∆VR/∆IR) IIN = 0.1 mA to 10 mA 0.2 Ω Minimum Operating Current IIN –40°C < TA < +85°C 50 µA Voltage Noise eN p-p 0.1 Hz to 10 Hz 14 µV p-p Turn-On Settling Time tR 2 µs Output Voltage Hysteresis ∆VO_HYS IIN = 1 mA 40 ppm 1 Guaranteed by design |