전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7C1024A-15JC 데이터시트(PDF) 4 Page - Alliance Semiconductor Corporation

부품명 AS7C1024A-15JC
상세설명  5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALSC [Alliance Semiconductor Corporation]
홈페이지  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024A-15JC 데이터시트(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C1024A-15JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AS7C1024A
AS7C31024A
9/26/02; 0.9.9
Alliance Semiconductor
P. 4 of 9
®
Key to switching waveforms
Read waveform 1 (address controlled)
Read waveform 2 (CE1, CE2, and OE controlled)
Read cycle (over the operating range)
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10
–
12
–
15
–
20
–
ns
Address access time
tAA
–
10
–
12
–
15
–
20
ns
3
Chip enable (CE1) access time
tACE1
–
10
–
12
–
15
–
20
ns
3, 12
Chip enable (CE2) access time
tACE2
–
10
–
12
–
15
–
20
ns
3, 12
Output enable (OE) access time
tOE
–
5
–6–7–8
ns
Output hold from address change
tOH
2–3–3–3
–
ns
5
CE1 Low to output in low Z
tCLZ1
0–0–0–0
–
ns
4, 5, 12
CE2 High to output in low Z
tCLZ2
0–0–0–0
–
ns
4, 5, 12
CE1 Low to output in high Z
tCHZ1
–
3
–3–4–5
ns
4, 5, 12
CE2 Low to output in high Z
tCHZ2
–
3
–3–4–5
ns
4, 5, 12
OE Low to output in low Z
tOLZ
0–0–0–0
–
ns
4, 5
OE High to output in high Z
tOHZ
–
3
–3–4–5
ns
4, 5
Power up time
tPU
0–0–0–0
–
ns
4, 5, 12
Power down time
tPD
–
10
–
12
–
15
–
20
ns
4, 5, 12
Undefined / don’t care
Falling input
Rising input
Address
DOUT
Data valid
tOH
tAA
tRC
supply
Current
CE2
OE
DOUT
tOE
tOLZ
tACE1, tACE2
tCHZ1, tCHZ2
tCLZ1, tCLZ2
tPU
tPD
ICC
ISB
50%
50%
Data valid
tRC1
CE1
tOHZ



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com