| 전자부품 데이터시트 검색엔진 |
|
107DCN2R7SLB 데이터시트(PDF) 5 Page - Illinois Capacitor, Inc. |
|
|
|||||||||||||||||||||||||||||
107DCN2R7SLB 데이터시트(HTML) 5 Page - Illinois Capacitor, Inc. |
|
5 / 5 page ![]() DCN High pulse power, extends battery life Capacitance (F) WVDC IC PART NUMBER Weight (grams) Volume (mL) Dims DxL LxHxT (mm) Lead Spacing S (mm) Lead Diameter d (mm) 0.3 2.7 304DCN2R7SCBB 2.012 0.0138 4x11 1.5 0.45 1.0 2.7 105DCN2R7S 0.94 0.603 8x12 3.5 0.5 1.0 5.5 105DCN5R5M 3.5 3.071 17.5x19.5x9 11.8 0.6 1.5 5.5 155DCN5R5M 4.5 3.701 17.5x23.5x9 8.3 0.6 2.0 2.7 205DCN2R7S 1.15 0.804 8x16 3.5 0.5 2.0 5.5 205DCN5R5M 5 5.558 21x24x11 15.5 0.6 2.5 5.5 255DCN5R5Q 5 5.558 22x24x11 10.5 0.6 3.0 2.7 305DCN2R7Q 1.34 1.005 8x20 3.5 0.6 3.3 2.7 335DCN2R7MGJG 2.09 1.005 10x20 5 0.6 4.7 2.7 475DCN2R7SGJG 2.15 1.571 10x20 5 0.6 5.0 2.7 505DCN2R7Q 2.5 1.571 10x20 5 0.6 10.0 2.7 106DCN2R7M 3.01 2.356 10x30 5 0.6 10.0 2.7 106DCN2R7STJD 3.91 3.068 12.5x25 5 0.6 22.0 2.7 226DCN2R7SKJD 7.54 5.027 16x25 7.5 0.8 25.0 2.7 256DCN2R7Q 7.54 5.027 16x25 7.5 0.8 30.0 2.7 306DCN2R7M 8.08 6.032 16x30 7.5 0.8 50.0 2.7 506DCN2R7Q 13.01 10.179 18x40 7.5 0.8 100.0 2.7 107DCN2R7Q 21.96 17.106 22x45 10 1.5 100.0 2.7 107DCN2R7SLB 20.1 15.268 18x60 7.5 0.8 150.0 2.7 157DCN2R7M 31.3 26.998 25x55 10 1.5 200.0 2.7 207DCN2R7M 41.1 35.343 30x50 10 1.5 250.0 2.7 257DCN2R7SDP 47.5 38.877 30x55 10 1.5 350.0 2.7 357DCN2R7M 70.8 57.727 35x60 10 1.5 400.0 2.7 407DCN2R7Q 70 57.7 35x60 22.5 1.5 500.0 2.7 507DCN2R7SEW 105 91.401 35x95 22.5 1.5 650.0 2.7 657DCN2R7SZZ 199 170 60x60 10 1.5 |