| 전자부품 데이터시트 검색엔진 |
|
AS7C31025 데이터시트(PDF) 3 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS7C31025 데이터시트(HTML) 3 Page - Alliance Semiconductor Corporation |
|
3 / 9 page ![]() ® AS7C1025 AS7C31025 3/23/01; v.1.0 Alliance Semiconductor P. 3 of 9 Recommended operating conditions † VIL min = –3.0V for pulse width less than tRC/2. DC operating characteristics (over the operating range)1 Shaded areas contain advance information. Capacitance (f = 1 MHz, Ta = 25 oC, V CC = NOMINAL) 2 Parameter Device Symbol Min Nominal Max Unit Supply voltage AS7C1025 VCC 4.5 5.0 5.5 V AS7C31025 VCC 3.0 3.3 3.6 V Input voltage AS7C1025 VIH 2.2 – VCC + 0.5 V AS7C31025 VIH 2.0 – VCC + 0.5 V VIL † –0.5 – 0.8 V Ambient operating temperature commercial TA 0– 70 oC industrial TA –40 – 85 oC Parameter Sym Test conditions Device -12 -15 -20 Unit Min Max Min Max Min Max Input leakage current | I LI | VCC = Max, VIN = GND to VCC –1–1– 1 µA Output leakage current | I LO | VCC = Max, CE = VIH, Vout = GND to VCC –1–1– 1 µA Operating power supply current ICC CE = VIL, f = fMax, IOUT = 0 mA AS7C1025 – 130 – 120 – 110 mA AS7C31025 – 100 – 85 – 80 Standby power supply current 1 ISB CE = VIH, f = fMax, fOUT = 0 AS7C1025 – 50 – 40 – 40 mA AS7C31025 – 50 – 40 – 40 ISB1 CE ≥ V CC–0.2V, VIN ≤ 0.2V or VIN ≥ VCC –0.2V, f = 0, fOUT = 0 AS7C1025 – 5 – 5 – 5 mA AS7C31025 – 5 – 5 – 5 Output voltage VOL IOL = 8 mA, VCC = Min – 0.4 – 0.4 – 0.4 V VOH IOH = –4 mA, VCC = Min 2.4 –2.4 –2.4 – V Parameter Symbol Signals Test conditions Max Unit Input capacitance CIN A, CE, WE, OE VIN = 0V 5 pF I/O capacitance CI/O I/O VIN = VOUT = 0V 7 pF |