| 전자부품 데이터시트 검색엔진 |
|
MMR 데이터시트(PDF) 2 Page - Illinois Capacitor, Inc. |
|
|
|||||||||||||||||||||||||||||
MMR 데이터시트(HTML) 2 Page - Illinois Capacitor, Inc. |
|
2 / 2 page ![]() MMR Small Size Epoxy Dipped Metallized Polyester Radial lead Capacitance (µF) WVDC IC PART NUMBER dv/dt (v/µ sec.) Dims LxHxT (mm) S (MM) d (MM) 0.01 250 103MMR250K 80 10.3x7.4x4.3 7.5 0.6 0.01 400 103MMR400K 190 10.3x7.4x4.3 7.5 0.6 0.01 630 103MMR630K 200 12x7.5x4.5 10 0.6 0.015 250 153MMR250K 80 10.3x7.5x4.4 7.5 0.6 0.015 400 153MMR400K 190 10.3x7.5x4.4 7.5 0.6 0.015 630 153MMR630K 200 12x8.2x5 10 0.6 0.022 250 223MMR250K 80 10.3x7.5x4.4 7.5 0.6 0.022 400 223MMR400K 190 10.3x7.9x4.8 7.5 0.6 0.022 630 223MMR630K 200 12x10.5x5.3 10 0.6 0.033 250 333MMR250K 80 10.3x7.5x4.5 7.5 0.6 0.033 400 333MMR400K 190 10.3x9x6 7.5 0.6 0.033 630 333MMR630K 200 12x11.9x6 10 0.6 0.047 250 473MMR250K 80 10.3x7.5x4.5 7.5 0.6 0.047 400 473MMR400K 160 12x8.3x5 10 0.6 0.047 630 473MMR630K 200 12x13.5x6.5 10 0.6 0.068 250 683MMR250K 80 10.3x7.5x4.5 7.5 0.6 0.068 400 683MMR400K 160 12x10.5x5.4 10 0.6 0.068 630 683MMR630K 90 18.5x11x5.8 15 0.8 0.1 250 104MMR250K 80 10.3x8.4x5.8 7.5 0.6 0.1 400 104MMR400K 160 12x12x6.3 10 0.6 0.1 630 104MMR630K 90 18.5x14x6.3 15 0.8 0.15 100 154MMR100K 35 10.3x7.5x4.5 7.5 0.6 0.15 250 154MMR250K 80 10.3x10.8x6 7.5 0.6 0.15 400 154MMR400K 65 18.5x12.4x5 15 0.8 0.15 630 154MMR630K 90 18.5x15.4x7.5 15 0.8 0.22 100 224MMR100K 35 10.3x8x5 7.5 0.6 0.22 250 224MMR250K 110 12x10.5x5.5 10 0.6 0.22 400 224MMR400K 65 18.5x13x5.9 15 0.8 0.22 630 224MMR630K 90 18.5x16.5x9 15 0.8 0.33 100 334MMR100K 35 10.3x10.7x6 7.5 0.6 0.33 250 334MMR250K 110 12x12x6.5 10 0.6 0.33 400 334MMR400K 65 18.5x14.9x7 15 0.8 Capacitance (µF) WVDC IC PART NUMBER dv/dt (v/µ sec.) Dims LxHxT (mm) S (MM) d (MM) 0.33 630 334MMR630K 35 26x17x7.8 22.5 0.8 0.47 250 474MMR250K 45 18.5x12.5x5.3 15 0.8 0.47 400 474MMR400K 65 18.5x17x7.8 15 0.8 0.47 630 474MMR630K 35 26x18.5x9.3 22.5 0.8 0.68 100 684MMR100K 0 12x13x6 10 0.6 0.68 250 684MMR250K 45 18.5x13.5x6 15 0.8 0.68 400 684MMR400K 30 26x16.5x7 22.5 0.8 0.68 630 684MMR630K 35 26x21x11.5 22.5 0.8 1 100 105MMR100K 30 12x14x6.7 10 0.6 1 250 105MMR250K 45 18.5x15x7.4 15 0.8 1 400 105MMR400K 30 26x18x8.5 22.5 0.8 1 630 105MMR630K 30 31x21.9x12.5 27.5 0.8 1.5 100 155MMR100K 20 18.5x13.4x6 15 0.8 1.5 250 155MMR250K 45 18.5x16.8x9 15 0.8 1.5 400 155MMR400K 25 31x19x9.5 27.5 0.8 1.5 630 155MMR630K 30 31x24.7x15.3 27.5 0.8 2.2 100 225MMR100K 20 18.5x15x7 15 0.8 2.2 250 225MMR250K 20 26x16.3x8.5 22.5 0.8 2.2 400 225MMR400K 25 31x22x11 27.5 0.8 2.2 630 225MMR630K 30 31x29x19.5 27.5 0.8 3.3 100 335MMR100K 20 18.5x16.5x8.5 15 0.8 3.3 250 335MMR250K 20 26x18x10.3 22.5 0.8 4.7 100 475MMR100K 10 26x17x7.5 22.5 0.8 4.7 250 475MMR250K 20 26x21.5x12 22.5 0.8 5.6 100 565MMR100K 10 26x18.5x8.3 22.5 0.8 5.6 250 565MMR250K 15 31x22x11.8 27.5 0.8 6.8 100 685MMR100K 10 26x18.5x9 22.5 0.8 6.8 250 685MMR250K 15 31x22.4x13 27.5 0.8 8.2 100 825MMR100K 10 26x21x10 22.5 0.8 8.2 250 825MMR250K 15 31x24.5x14.3 27.5 0.8 10 100 106MMR100K 10 26x21x11.5 22.5 0.8 10 250 106MMR250K 15 31x25.8x15.9 27.5 0.8 |