전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

128LBA080M2BC 데이터시트(PDF) 2 Page - Illinois Capacitor, Inc.

부품명 128LBA080M2BC
상세설명  Multiple case sizes - High voltage ??High Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
홈페이지  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

128LBA080M2BC 데이터시트(HTML) 2 Page - Illinois Capacitor, Inc.

  128LBA080M2BC Datasheet HTML 1Page - Illinois Capacitor, Inc. 128LBA080M2BC Datasheet HTML 2Page - Illinois Capacitor, Inc. 128LBA080M2BC Datasheet HTML 3Page - Illinois Capacitor, Inc. 128LBA080M2BC Datasheet HTML 4Page - Illinois Capacitor, Inc. 128LBA080M2BC Datasheet HTML 5Page - Illinois Capacitor, Inc. 128LBA080M2BC Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Lead style options
Code 2 (Standard)
Diameter 20 to 40 mm
Code Z
Diameter 20 to 40 mm
Code P
Diameter 22 to 35 mm
Code D
Diameter 30 to 40 mm
Code 9
Diameter 25 to 35 mm
Code T
Diameter 25 to 35 mm
Code 4
Diameter 35 to 45 mm
Code 4S (straight leads)
Diameter 35 to 45 mm
Code 5
Diameter 40 to 50 mm
Code G
D
35
40
50
63
76
P
14
14
18
25
25
Diameter 35 to 76 mm



Html Pages

1 2 3 4 5 6