전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSS8550C 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 PSS8550C
상세설명  PNP medium power 25 V transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS8550C 데이터시트(HTML) 2 Page - NXP Semiconductors

  PSS8550C Datasheet HTML 1Page - NXP Semiconductors PSS8550C Datasheet HTML 2Page - NXP Semiconductors PSS8550C Datasheet HTML 3Page - NXP Semiconductors PSS8550C Datasheet HTML 4Page - NXP Semiconductors PSS8550C Datasheet HTML 5Page - NXP Semiconductors PSS8550C Datasheet HTML 6Page - NXP Semiconductors PSS8550C Datasheet HTML 7Page - NXP Semiconductors PSS8550C Datasheet HTML 8Page - NXP Semiconductors PSS8550C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Aug 10
2
Philips Semiconductors
Product specification
PNP medium power 25 V transistor
PSS8550
FEATURES
• High total power dissipation
• High current capability.
APPLICATIONS
• Medium power switching and muting
• Amplification
• Portable radio output amplifier (class-B, push-pull).
DESCRIPTION
PNP transistor in a SOT54 (TO-92) plastic package.
NPN complement: PSS8050.
MARKING
QUICK REFERENCE DATA
PINNING
TYPE NUMBER
MARKING CODE
PSS8550C
S8550C
PSS8550D
S8550D
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
−25
V
IC
collector current (DC)
−1.5
A
PIN
DESCRIPTION
1
collector
2
base
3
emitter
handbook, halfpage
1
3
2
MSB033
Fig.1
Simplified outline (SOT54).
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Device mounted on a printed-circuit board; single sided copper; tinplated; standard footprint.
2. Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2.
3. Device mounted on a printed-circuit board; single sided copper; tinplated; standard footprint. Operated under pulsed
conditions: pulse width tp ≤ 1 s; duty cycle δ≤ 0.75%.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−40
V
VCEO
collector-emitter voltage
open base
−−25
V
VEBO
emitter-base voltage
open collector
−−6V
IC
collector current (DC)
−−1.5
A
ICM
peak collector current
−−2A
IB
base current (DC)
−−300
mA
IBM
peak base current
−−1A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
850
mW
Tamb ≤ 25 °C; note 2
−
900
mW
Tamb ≤ 25 °C; note 3
−
1W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10