전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP3909T-E/SS 데이터시트(PDF) 35 Page - Microchip Technology

부품명 MCP3909T-E/SS
상세설명  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909T-E/SS 데이터시트(HTML) 35 Page - Microchip Technology

Back Button MCP3909T-E/SS Datasheet HTML 31Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 32Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 33Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 34Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 35Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 36Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 37Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 38Page - Microchip Technology MCP3909T-E/SS Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
 2006-2012 Microchip Technology Inc.
DS22025C-page 35
MCP3909
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXXXXXXXX
YYWWNNN
24-Lead SSOP
Examples:
XXXXXXXXXXXX
MCP3909
1140256
I/SS^^3
e
MCP3909
1140256
E/SS^^3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44