전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E3649A 데이터시트(PDF) 4 Page - Keysight Technologies

부품명 E3649A
상세설명  Programmable DC Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E3649A 데이터시트(HTML) 4 Page - Keysight Technologies

  E3649A Datasheet HTML 1Page - Keysight Technologies E3649A Datasheet HTML 2Page - Keysight Technologies E3649A Datasheet HTML 3Page - Keysight Technologies E3649A Datasheet HTML 4Page - Keysight Technologies E3649A Datasheet HTML 5Page - Keysight Technologies E3649A Datasheet HTML 6Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Keysight E3640A – E3649A Programmable DC Power Supply Specifications
Model number
E3640A
E3641A
E3642A
E3643A
E3644A
E3645A
Maximum power
30 W
50 W
80 W
# of outputs
1
1
1
1
1
1
DC output rating
(@ 0 ºC to 40 ºC)
0 to 8 V/3 A or
0 to 20 V/1.5 A
0 to 35 V/0.8 A or
0 to 60 V/0.5 A
0 to 8 V/5 A or
to 20 V/2.5 A
0 to 35 V/1.4 A or
0 to 60 V/0.8 A
0 to 8 V/8 A or
0 to 20 V/4 A
0 to 35 V/2.2 A or
0 to 60 V/1.3 A
Net weight
5.3 kg
5.2 kg
6.3 kg
6.2 kg
6.6 kg
6.7 kg
Dimensions (without bumper)
212.6 mm W x 88.5 mm H x 348.3 mm D
Model number
E3646A
E3647A
E3648A
E3649A
Maximum power
60 W
100 W
# of outputs
2
2
2
2
DC output rating
(@ 0 ºC to 40 ºC)
Two 0 to 8 V/3 A or
0 to 20 V/1.5 A
Two 0 to 35 V/0.8 A or
0 to 60 V/0.5 A
Two 0 to 8 V/5 A or
0 to 20 V/2.5 A
Two 0 to 35 V/1.4 A or
0 to 60 V/0.8 A
Net weight
8.2 kg
8.0 kg
9.2 kg
9.1 kg
Dimensions (without bumper)
212.8 mm W x 133.0 mm H x 348.3 mm D
Load and line regulation ± (% of output + offset)
Voltage
< 0.01% + 3 mV
Current
< 0.01% + 250 μA
Ripple and noise (20 Hz to 20 MHz)
Normal mode voltage
< 5 mVpp/0.5 mVrms for 8 V/20 V models
< 8 mVpp/1 mVrms for 35 V/60 V models
Normal mode current
< 4 mArms
Common mode current
< 1.5 μArms
Accuracy 1 12 months (@ 25 ºC ± 5 ºC), ± (% output + offset)
Programming
Voltage
< 0.05% + 10 mV (< 0.1% + 25 mV for output 2 of E3646/47/48/49 A)
Current
< 0.2% + 10 mA
Readback (over GPIB and with respect to actual output)
Voltage
< 0.05% + 5 mV (< 0.1% + 25 mV for output 2 of E3646/47/48/49 A)
Current
< 0.15% + 5 mA (< 0.15% + 10 mA for output 2 of E3646/47/48/49 A)
Meter 2 (over front panel with respect to actual output)
Voltage
< 0.05% + 2 counts (<0.1% + 4 counts for output 2)
Current
< 0.15% + 5 mA (<0.15% + 10 mA for output 2)
Resolution
Program
< 5 mV/1 mA
Readback
< 2 mV/1 mA
Meter
10 mV/1 mA
Transient response
Less than 50 μsec for output to recover to within 15 mV following a change in output current from full
load to half load or vice versa.
Settling time 3
< 90 msec
OVP
Accuracy,
± (% output + offset)
Activation time 4
< 0.5% + 0.5 V
< 1.5 msec, OVP ¥3 V/< 10 msec, OVP < 3 V
1. Accuracy specifications are valid after a 1-hour warm-up with no load and calibration at 25 ºC.
2. Meter accuracy specification is at minimum 10 mV decimal limited by front panel resolution.
3. Maximum time required for the output voltage to change from 1% to 99% or vice versa following the receipt of VOLTage or APPLy command via direct GPIB
or RS-232 interface.
4. Average time for output to start and drop after an OVP condition occurred.
04 | Keysight | E3640A – E3649A Programmable DC Power Supplies – Data Sheet



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com