전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR20100FCT 데이터시트(PDF) 1 Page - MORE Semiconductor Company Limited

부품명 MBR20100FCT
상세설명  20A Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORESEMI [MORE Semiconductor Company Limited]
홈페이지  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MBR20100FCT 데이터시트(HTML) 1 Page - MORE Semiconductor Company Limited

  MBR20100FCT Datasheet HTML 1Page - MORE Semiconductor Company Limited MBR20100FCT Datasheet HTML 2Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free
FEATURES
·Metal of silicon rectifier,majority carrier conducton
·Guard ring for transient protection
·Low power loss, high efficiency
·High current capability, low VF
·High surge capacity
·Plastic package has UL flammability
MECHANICAL DATA
·Case :TO-220F
·Polarity : As marked on the body
·Mounting position : Any
MAXIMUM RATINGS AND
AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%
20A Schottky Barrier Rectifiers
MBR20100FCT
MORE Semiconductor Company Limited
http://www.moresemi.com
1/2
classification 94V-0
molded plastic
TO-220F PACKAGE
CHARACTERISTICS
SYMBOL
MBR20100FCT
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
Vcc
100
V
Average Rectifier Forward Current
( per diode )
Total Device (Rated VR) @TC=125℃
IF(AV)
10
20
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
150
A
Maximum Instantaneous Forward Voltage
IF=10A
Tc=25℃
Tc=125℃
VF
0.85
0.75
V
Instantaneous Reverse Current
AT VRM
Tc=25℃
Tc=125℃
IR
0.05
15
MA
Typical Thermal Resistance
R0JC
3.5
℃/W
Operating Temperature Range
TJ
-55to+175
Storage Temperature Range
TSTG
-55to+175


유사한 부품 번호 - MBR20100FCT

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MBR20100FCT MCC-MBR20100FCT Datasheet
1Mb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Compact Technology Corp...
MBR20100FCT CTC-MBR20100FCT Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR20100FCT SIRECT-MBR20100FCT Datasheet
180Kb / 2P
Power Schottky Rectifier - 20Amp 100Volt
logo
Pan Jit International I...
MBR20100FCT PANJIT-MBR20100FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR20100FCT MCC-MBR20100FCT Datasheet
176Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

유사한 설명 - MBR20100FCT

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM20200D SECOS-SM20200D Datasheet
308Kb / 2P
20A Schottky Barrier Rectifiers
SM20150D SECOS-SM20150D_15 Datasheet
242Kb / 2P
20A Schottky Barrier Rectifiers
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
MBR2040CT FRONTIER-MBR2040CT Datasheet
528Kb / 2P
20A SCHOTTKY BARRIER RECTIFIERS
F20S45-THRU-F20S50 FRONTIER-F20S45-THRU-F20S50 Datasheet
497Kb / 2P
20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR2045FCT MORESEMI-MBR2045FCT Datasheet
710Kb / 2P
20A Schottky Barrier Rectifiers
MBR20100CT MORESEMI-MBR20100CT Datasheet
770Kb / 2P
20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
20A Schottky Barrier Rectifiers
MBR20200CT MORESEMI-MBR20200CT Datasheet
894Kb / 2P
20A Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com