전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTCH6102T-I/SS 데이터시트(PDF) 9 Page - Microchip Technology

부품명 MTCH6102T-I/SS
상세설명  MTCH6102 Low-Power Projected Capacitive Touch Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH6102T-I/SS 데이터시트(HTML) 9 Page - Microchip Technology

Back Button MTCH6102T-I/SS Datasheet HTML 5Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 6Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 7Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 8Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 9Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 10Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 11Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 12Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
 2014 Microchip Technology Inc.
DS40001750A-page 9
MTCH6102
5.1.3
DEVICE ADDRESSING
The MTCH6102 default 7-bit base address is 0x25.
Every transmission must be prefixed with this address,
as well as a bit signifying whether the transmission is a
master write (‘0’) or master read (‘1’). After appending
this Read/Write bit to the base address, this first byte
becomes either 0x4A (write) or 0x4B (read).
This address can be modified (see I2CADDR), but this
requires initially communicating with the device under
the default address. If this is not feasible in the user’s
application, contact Microchip support for additional
options.
5.2
Interrupt Pin
MTCH6102 provides an open-collector active-low
Interrupt pin (INT) that will be asserted any time new
data is available. INT is automatically released under
two conditions:
1.
A read is performed of any register within the
device.
2.
The next frame of decoding has started.
5.3
SYNC Output Pin
MTCH6102 provides an active-high sync signal that
correlates with the current touch frame status. The
SYNC pin is low while the device is sleeping (between
frames) and high while touch sensing/decoding is
occurring. A common use of this pin includes a host
that makes use of data on every frame (such as
raw-acquisition data), for host-side decoding (see
Figure 5-4).
FIGURE 5-4:
EXAMPLE INT/SYNC LOGIC
I
2C
INT
SYNC
b
a
c
d
e
f
g
j
hi
a
Controller sleeping
f
INT is released as controller goes to Sleep
b
Controller decoding
g
INT is asserted due to (d)
c
Touch frame
h
INT is released due to I2C™ read
d
Finger is present
i
INT is released due to I2C™ read
e
INT asserted due to (d)
j
Finger is not present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com