전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S3D 데이터시트(PDF) 2 Page - EIC discrete Semiconductors

부품명 S3D
상세설명  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

S3D 데이터시트(HTML) 2 Page - EIC discrete Semiconductors

  S3D Datasheet HTML 1Page - EIC discrete Semiconductors S3D Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( S3A - S3M )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG 4 . - TYPICAL JUNCTION CAPACITANCE
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
Page 2 of 2
Rev. 02: October 8, 2012
2.4
1.2
3.0
10
1.0
200
0
250
0
150
100
50
10
80
1.0
0.01
100
0.1
100
140
0
20
40
60
PERCENT OF RATED REVERSE
VOLTAGE, (%)
Ta = 25 °C
Ta = 100 °C
TJ = 25 °C
TL = 105 °C
Pulse Width = 300
μs
2% Duty Cycle
0.1
100
10
1
50
5
TJ = 25 °C
REVERSE VOLTAGE, VOLTS
1
24
10
20
40
100
00.2 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8 2.0
FORWARD VOLTAGE, VOLTS
0.01
8.3ms SINGLE HALF SINE-W AVE
(JEDEC) Method
0.6
1.8
120
www.eicsemi.com



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com