| 전자부품 데이터시트 검색엔진 |
|
MIC841 데이터시트(PDF) 2 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC841 데이터시트(HTML) 2 Page - Micrel Semiconductor |
|
2 / 8 page ![]() MIC841/2 Micrel MIC841/2 2 September 2004 Ordering Information Hysteresis Output Output Part Number Marking Adjustment Stage Function Temperature Range Package MIC841HBC5 B13 External Push Pull Active High –40 °C to +85°C SC-70-5 MIC841LBC5 B14 External Push Pull Active Low –40 °C to +85°C SC-70-5 MIC841NBC5 B15 External Open Drain Active High –40 °C to +85°C SC-70-5 MIC842HBC5 B16 Internal Push Pull Active High –40 °C to +85°C SC-70-5 MIC842LBC5 B17 Internal Push Pull Active Low –40 °C to +85°C SC-70-5 MIC842NBC5 B18 Internal Open Drain Active High –40 °C to +85°C SC-70-5 MIC841HYC5 B13 External Push Pull Active High –40 °C to +85°C SC-70-5 Pb-Free MIC841LYC5 B14 External Push Pull Active Low –40 °C to +85°C SC-70-5 Pb-Free MIC841NYC5 B15 External Open Drain Active High –40 °C to +85°C SC-70-5 Pb-Free MIC842HYC5 B16 Internal Push Pull Active High –40 °C to +85°C SC-70-5 Pb-Free MIC842LYC5 B17 Internal Push Pull Active Low –40 °C to +85°C SC-70-5 Pb-Free MIC842NYC5 B18 Internal Open Drain Active High –40 °C to +85°C SC-70-5 Pb-Free |