| 전자부품 데이터시트 검색엔진 |
|
PL602-37QC-R 데이터시트(PDF) 6 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
PL602-37QC-R 데이터시트(HTML) 6 Page - Micrel Semiconductor |
|
6 / 10 page ![]() PL602-35/-37/-38/-39 750kHz – 800MHz Low Phase Noise Multiplier XO Universal Low Phase Noise IC’s Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/07/2012 Page 6 7. LVDS Electrical Characteristics PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Output Differential Voltage VOD RL = 100Ω (see figure) 247 355 454 mV VDD Magnitude Change VOD -50 50 mV Output High Voltage VOH 1.4 1.6 V Output Low Voltage VOL 0.9 1.1 V Offset Voltage VOS 1.125 1.2 1.375 V Offset Magnitude Change VOS 0 3 25 mV Power-off Leakage IOXD Vout = VDD or GND VDD = 0V 1 10 uA Output Short Circuit Current IOSD -5.7 -8 mA 8. LVDS Switching Characteristics PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Differential Clock Rise Time tr RL = 100Ω CL = 10 pF (see figure) 0.2 0.7 1.0 ns Differential Clock Fall Time tf 0.2 0.7 1.0 ns OUT OUT V OD V OS 50 50 OUT V DIF F R L = 100 C L = 10pF C L = 10pF LVDS Switching Test Circuit LVDS Levels Test Circuit LVDS Transistion Time Waveform OUT OUT OUT 0V (Differential) 0V 20% 80% 20% 80% t R t F V DIF F |