전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2575HVT-12 데이터시트(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM2575HVT-12
상세설명  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575HVT-12 데이터시트(HTML) 24 Page - National Semiconductor (TI)

Back Button LM2575HVT-12 Datasheet HTML 19Page - National Semiconductor (TI) LM2575HVT-12 Datasheet HTML 20Page - National Semiconductor (TI) LM2575HVT-12 Datasheet HTML 21Page - National Semiconductor (TI) LM2575HVT-12 Datasheet HTML 22Page - National Semiconductor (TI) LM2575HVT-12 Datasheet HTML 23Page - National Semiconductor (TI) LM2575HVT-12 Datasheet HTML 24Page - National Semiconductor (TI) LM2575HVT-12 Datasheet HTML 25Page - National Semiconductor (TI) LM2575HVT-12 Datasheet HTML 26Page - National Semiconductor (TI) LM2575HVT-12 Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Physical Dimensions inches (millimeters)
unless otherwise noted
16-Lead Ceramic Dual-in-Line (J)
Order Number LM1575J-3.3/883, LM1575J-5.0/883,
LM1575J-12/883, LM1575J-15/883, or LM1575J-ADJ/883
NS Package Number J16A
14-Lead Wide Surface Mount (WM)
Order Number LM2575M-5.0, LM2575HVM-5.0, LM2575M-12,
LM2575HVM-12, LM2575M-15, LM2575HVM-15,
LM2575M-ADJ or LM2575HVM-ADJ
NS Package Number M24B
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27