전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSOS104A 데이터시트(PDF) 3 Page - Keysight Technologies

부품명 MSOS104A
상세설명  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS104A 데이터시트(HTML) 3 Page - Keysight Technologies

  MSOS104A Datasheet HTML 1Page - Keysight Technologies MSOS104A Datasheet HTML 2Page - Keysight Technologies MSOS104A Datasheet HTML 3Page - Keysight Technologies MSOS104A Datasheet HTML 4Page - Keysight Technologies MSOS104A Datasheet HTML 5Page - Keysight Technologies MSOS104A Datasheet HTML 6Page - Keysight Technologies MSOS104A Datasheet HTML 7Page - Keysight Technologies MSOS104A Datasheet HTML 8Page - Keysight Technologies MSOS104A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
03 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Industry’s best signal integrity
– 10-bit ADC up to 8 GHz for additional vertical resolution
– Low-noise front end for precision signal viewing
– Only 90 uV noise at 1 mV/div and 1 GHz bandwidth
– System ENOB values in excess of 8
– SFDR values down to –73 dBC
– 2 mV/div vertical scaling supported in hardware
– HW bandwidth limit filters on both 50 Ω and 1 MΩ paths
– Correction filters ensure flat frequency magnitude and phase response
– Low intrinsic jitter (100 fs (typical) for excellent jitter characterization)
– Precision BNCs with > 8 GHz bandwidth
The New Standard for Superior Measurements
Broadest range of capability
– 16 digital channels on MSO models
– Standard feature rich software with > 50 automated measurements, 16 math
functions, gating, and spectral viewer
– Expandable with optional software applications and flexible licensing:
– Add protocol decode and triggering for a wide variety of serial buses
– Choose from a large selection of analysis applications including eye diagrams
and measurements with SDA, jitter, InfiniiScan, and de-embedding
– Test to ensure adherence to industry standards with compliance apps
– Support for > 100 probes – current and voltage, active and passive, 1 MΩ and
50 Ω inputs
Most advanced platform
– Powerful, flexible Infiniium user interface
– Capacitive touch screen with multi-touch, easy-grab handles, and re-sizing touch
fields
– Powerful Intel i5 motherboard with 8 GB RAM for fast processing
– Removable solid state drive (SSD) for fast boot-up and increased reliability and
security
– Fast data offload (up to 200 MB/s) via USB 3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com