전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML7029 데이터시트(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

부품명 ML7029
상세설명  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LAPIS [LAPIS Semiconductor Co., Ltd.]
홈페이지  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7029 데이터시트(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML7029 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
FEDL7029-04
ML7029
4/29
PIN FUNCTIONAL DESCRIPTIONS
AIN–, GEX
Transmit analog input and transmit level adjustment.
AIN– is connected to the inverting input of the transmit amplifier. GSX is connected to the transmit amplifier
output. During power-down mode, the GSX output is a high impedance state.
VFRO
Receive analog output. During power-down mode, the VFRO output is in a high impedance state.
SG
Analog signal ground.
The output voltage of this pin is approximately 1.4 V. Put 10
F plus 0.1 F (ceramic type) bypass capacitors
between this pin and AG. During power-down, this output voltage is 0 V. This pin should be used via a buffer if
used externally.
AG
Analog ground.
DG
Digital ground.
This ground is separated from the analog signal ground pin (AG). The DG pin must be kept as close as possible
to AG on the PCB.
Va
Analog +3 V power supply.
VD
Digital +3 V power supply.
This power supply is separated from the analog signal power supply pin (VA). The VD pin must be kept as close
as possible to VA on the PCB.
PDN
Power-down and reset control input.
A “0” level makes the IC enter a power-down state. At the same time, all control register data are reset to the
initial state. Set this pin to “1” during normal operating mode. The power-down state is controlled by a logical
OR with CR0-B5 of the control register. When using
PDN for power-down and reset control, set CR0-B5 to
digital “0”. The reset width (a “L” level period) should be 200 ns or more.
Be sure to reset the control registers by executing this power down to keep this pin to digital “0”level for 200 ns
or longer after the power is turned on and VDD exceeds 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com