전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLC2010 데이터시트(PDF) 8 Page - Exar Corporation

부품명 CLC2010
상세설명  Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2010 데이터시트(HTML) 8 Page - Exar Corporation

Back Button CLC2010 Datasheet HTML 4Page - Exar Corporation CLC2010 Datasheet HTML 5Page - Exar Corporation CLC2010 Datasheet HTML 6Page - Exar Corporation CLC2010 Datasheet HTML 7Page - Exar Corporation CLC2010 Datasheet HTML 8Page - Exar Corporation CLC2010 Datasheet HTML 9Page - Exar Corporation CLC2010 Datasheet HTML 10Page - Exar Corporation CLC2010 Datasheet HTML 11Page - Exar Corporation CLC2010 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
©2009-2013 Exar Corporation
8/15
Rev 1D
Typical Performance Characteristics - Continued
TA = 25°C, Vs = +5V, Rf = Rg =2.5kΩ, RL = 2kΩ to VS/2, G = 2; unless otherwise noted.
Output Swing vs. RL
Input Voltage Noise
RL (kΩ)
1
10
100
4.70
4.75
4.80
4.95
4.85
4.90
Frequency (MHz)
0.0001
0.001
0.01
0.1
1.0
10
0
40
20
60
80
100
120
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com