| 전자부품 데이터시트 검색엔진 |
|
MSP3410D 데이터시트(PDF) 11 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MSP3410D 데이터시트(HTML) 11 Page - Micronas |
|
11 / 83 page ![]() PRELIMINARY DATA SHEET MSP 34x0D Micronas 11 4.1.2. Quadrature Mixers The digital input coming from the integrated A/D con- verter may contain audio information at a frequency range of theoretically 0 to 9 MHz corresponding to the selected standards. By means of two programmable quadrature mixers, two different audio sources, for example NICAM and FM-Mono, may be shifted into baseband position. In the following, the two main channels are provided to process either: – NICAM (MSP-Ch1) and FM/AM mono (MSP-Ch2) simultaneously or, alternatively: – FM-Mono (Ch2) – FM2 (MSP-Ch1) and FM1 (MSP-Ch2). Two programmable registers, to be divided up into a low and a high part, determine frequency of the oscilla- tor, which corresponds to the frequency of the desired audio carrier. 4.1.3. Low-pass Filtering Block for Mixed Sound IF Signals Data shaping and/or FM bandwidth limitation is per- formed by a linear phase finite impulse response (FIR) filter. Just like the oscillators’ frequency, the filter coeffi- cients are programmable and are written into the IC by the CCU via the control bus. Thus, for example, differ- ent NICAM versions can easily be implemented. Two not necessarily different sets of coefficients are required, one for MSP-Ch1 (NICAM or FM2) and one for MSP-Ch2 (FM1 = FM-mono). In a corresponding table several coefficient sets are proposed. Fig. 4–2: Architecture of demodulator and NICAM decoder section Phase and AM Dis- crimination MSP sound IF channel 1 (MSP-Ch1: FM2, NICAM) MSP sound IF channel 2 (MSP-Ch2: FM1, AM) VREFTOP ANA_IN1+ ANA_IN2+ ANA_IN- AD_CV[8] AD_CV[7:1] AGC AD DCO1 Oscillator Mixer FIR1 Lowpass MODE_REG[6] Amplitude DQPSK Decoder Phase Differen- tiator Carrier Detect AD_CV[9] Mute NICAM Decoder Mixer Lowpass ADR NICAMA NICAMB FM2 IDENT Carrier Detect Mute Lowpass FM1/AM MODE_REG[8] Differen- tiator Phase FIR2 Lowpass Phase and AM Dis- crimination Amplitude Mixer Oscillator DCO2 Pins Demodulator Write Registers FRAME NICAMA DCO2 Internal signal lines (see fig. 4–2) MSP3410D only |