| 전자부품 데이터시트 검색엔진 |
|
CLC2000ISO8X 데이터시트(PDF) 5 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
CLC2000ISO8X 데이터시트(HTML) 5 Page - Exar Corporation |
|
5 / 18 page ![]() Data Sheet ©2007-2013 Exar Corporation 5/18 Rev 1D Electrical Characteristics TA = 25°C, Vs = 12V, Rf = Rg = 510Ω, RL = 100Ω to VS/2, G = 2; unless otherwise noted. Symbol Parameter Conditions Min Typ Max Units Frequency Domain Response UGBW -3dB Bandwidth G = +1, VOUT = 0.2Vpp, Rf = 0 510 MHz BWSS -3dB Bandwidth G = +2, VOUT = 0.2Vpp 250 MHz BWLS Large Signal Bandwidth G = +2, VOUT = 4Vpp 35 MHz BW0.1dB 0.1dB Gain Flatness G = +2, VOUT = 0.2Vpp 32 MHz Time Domain Response tR, tF Rise and Fall Time VOUT = 4V step; (10% to 90%) 13.3 ns tS Settling Time to 0.1% VOUT = 2V step 20 ns OS Overshoot VOUT = 0.2V step 2 % SR Slew Rate VOUT = 4V step 210 V/µs Distortion/Noise Response HD2 2nd Harmonic Distortion 2Vpp, 100KHz, RL = 25Ω -84 dBc 2Vpp, 1MHz, RL = 100Ω -86 dBc 8.4Vpp, 100KHz, RL = 25Ω -63 dBc 8.4Vpp, 1MHz, RL = 100Ω -82 dBc HD3 3rd Harmonic Distortion 2Vpp, 100KHz, RL = 25Ω -88 dBc 2Vpp, 1MHz, RL = 100Ω -80 dBc 8.4Vpp, 100KHz, RL = 25Ω -63 dBc 8.4Vpp, 1MHz, RL = 100Ω -83 dBc DG Differential Gain NTSC (3.58MHz), DC-coupled, RL = 150Ω 0.009 % DP Differential Phase NTSC (3.58MHz), DC-coupled, RL = 150Ω 0.06 ° en Input Voltage Noise > 1MHz 4.5 nV/√Hz in Input Current Noise > 1MHz 2.7 pA/√Hz XTALK Crosstalk Channel-to-channel 5MHz -62 dB DC Performance VIO Input Offset Voltage(1) -6 0.3 6 mV dVIO Average Drift 0.383 µV/°C IIO Input Offset Current(1) -2 0.2 2 µA Ib Input Bias Current(1) 10 20 µA dIbni Average Drift 2.5 nA/°C PSRR Power Supply Rejection Ratio(1) DC 73 81 dB AOL Open-Loop Gain RL = 25 76 dB IS Supply Current(1) per channel 7 12 mA Input Characteristics RIN Input Resistance Non-inverting 2.5 MΩ CIN Input Capacitance 1 pF CMIR Common Mode Input Range 0.6 to 11.4 V CMRR Common Mode Rejection Ratio(1) DC 70 79 dB Output Characteristics RO Output Resistance Closed Loop, DC 0.01 Ω VOUT Output Voltage Swing RL = 25Ω (1) 1.5 1.2 to 10.8 10.5 V RL = 1kΩ 0.8 to 11.2 V ISC Short-Circuit Output Current VOUT = VS / 2 1000 mA Notes: 1. 100% tested at 25°C |