| 전자부품 데이터시트 검색엔진 |
|
PRCP-MSMF 데이터시트(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PRCP-MSMF 데이터시트(HTML) 2 Page - Copal Electronics |
|
2 / 6 page ![]() The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. Product Dimensions (see next page for outline drawings) Packaging: PRCP-MSMF010 through PRCP-MSMF030 = 1500 pcs. per reel. PRCP-MSMF050 through PRCP-MSMF200 & PRCP-MSMF260 = 2000 pcs. per reel. PRCP-MSMF110/24X, PRCP-MSMF150/24X & PRCP-MSMF250/16X = 1500 pcs. per reel. PRCP-MSMF Series - Polymer Resettable Circuit Protectors MM (INCHES) DIMENSIONS: Model D C B A Style Min. Max. Min. Max. Min. Max. Min. PRCP-MSMF010 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.70 (0.028) 1.10 (0.043) 0.30 (0.012) 1 PRCP-MSMF014 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.70 (0.028) 1.10 (0.043) 0.30 (0.012) 1 PRCP-MSMF020 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.70 (0.028) 1.10 (0.043) 0.30 (0.012) 1 PRCP-MSMF030 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.70 (0.028) 1.10 (0.043) 0.30 (0.012) 1 PRCP-MSMF050 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.55 (0.022) 0.85 (0.033) 0.30 (0.012) 1 PRCP-MSMF075 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.55 (0.022) 0.85 (0.033) 0.30 (0.012) 1 PRCP-MSMF075/24 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.55 (0.022) 0.85 (0.033) 0.30 (0.012) 1 PRCP-MSMF110 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.45 (0.018) 0.85 (0.033) 0.30 (0.012) 1 PRCP-MSMF110/16 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.45 (0.018) 0.85 (0.033) 0.30 (0.012) 1 PRCP-MSMF125 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.55 (0.022) 0.85 (0.033) 0.30 (0.012) 1 PRCP-MSMF150 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.55 (0.022) 0.85 (0.033) 0.30 (0.012) 1 PRCP-MSMF160 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.55 (0.022) 0.85 (0.033) 0.30 (0.012) 1 PRCP-MSMF200 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.55 (0.022) 0.85 (0.033) 0.30 (0.012) 1 PRCP-MSMF250/16X 4.37 (0.172) 4.83 (0.190) 3.07 (0.121) 3.41 (0.134) 0.70 (0.028) 1.60 (0.063) 0.30 (0.012) 2 PRCP-MSMF260 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.48 (0.019) 0.85 (0.033) 0.30 (0.012) 1 Applications ■ Overcurrent and overtemperature protection of automotive electronics ■ Hard disk drives ■ PC motherboards ■ PC peripherals ■ Point-of-sale (POS) equipment ■ PCMCIA cards ■ USB port protection - USB 2.0, 3.0 & OTG ■ HDMI 1.4 Source protection PRCP-MSMF020/60 4.37 (0.172) 4.73 (0.186) 3.07 (0.121) 3.41 (0.134) 0.70 (0.028) 1.10 (0.043) 0.30 (0.012) 1 PRCP-MSMF150/24X 4.37 (0.172) 4.83 (0.190) 3.07 (0.121) 3.41 (0.134) 0.70 (0.028) 1.60 (0.063) 0.30 (0.012) 2 PRCP-MSMF110/24X 4.37 (0.172) 4.83 (0.190) 3.07 (0.121) 3.41 (0.134) 0.70 (0.028) 1.60 (0.063) 0.30 (0.012) 2 Specifications are subject to change without notice. |