전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PRCP-R010 데이터시트(PDF) 6 Page - Copal Electronics

부품명 PRCP-R010
상세설명  Polymer Resettable Circuit Protectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COPAL [Copal Electronics]
홈페이지  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-R010 데이터시트(HTML) 6 Page - Copal Electronics

  PRCP-R010 Datasheet HTML 1Page - Copal Electronics PRCP-R010 Datasheet HTML 2Page - Copal Electronics PRCP-R010 Datasheet HTML 3Page - Copal Electronics PRCP-R010 Datasheet HTML 4Page - Copal Electronics PRCP-R010 Datasheet HTML 5Page - Copal Electronics PRCP-R010 Datasheet HTML 6Page - Copal Electronics PRCP-R010 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Customers should verify actual device performance in their specific applications.
t
User direction of feed
Cross section A - B
p
p
H
H1
Reference plane
W0
H0
W1
W
A
B
F
D0
P0
I1
I2
L
H1
P1
h
h
h
w
h
f
d
Reel
Upper side
Tape
Lower side
User
direction
of
feed
Reel Dimensions - Figure 2
Taped Component Dimensions - Figure 1
DIMENSIONS =
MM
(INCHES)
IEC
EIA
Dimensions
Dimension Description
Mark
Mark
Dimensions
Tolerance
Arbor hole diameter
f
c
Core diameter
h
n
max.
Box
nom.
Consecutive missing places
3
max.
Empty places per reel
Not specified
26
(1.024)
80
(3.15)
62
(2.44)
355
(14.0)
345
(13.6)
±12.0
(±.472)
PRCP-R Series Tape and Reel Specifications
Lead spacing
F
F
Reel width
w
W2
max.
Reel diameter
d
a
max.
Space between flanges less device
W1
h
5.08
(0.2)
56
(2.205)
370
(14.57)
±0.2
(±.008)
4.75
(.187)
±3.25
(±.128)
DIMENSIONS =
MM
(INCHES)



Html Pages

1 2 3 4 5 6 7