| 전자부품 데이터시트 검색엔진 |
|
PRCP-R135 데이터시트(PDF) 5 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PRCP-R135 데이터시트(HTML) 5 Page - Copal Electronics |
|
5 / 7 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Customers should verify actual device performance in their specific applications. Devices taped using EIA468–B/IEC286-2 standards. See table below and Figures 1 and 2 for details. IEC EIA Dimensions Dimension Description Mark Mark Dimensions Tolerance Carrier tape width W W Hold down tape width: W0 W4 min. Hold down tape No protrusion Top distance between tape edges W2 W6 max. Sprocket hole position W1 W5 Sprocket hole diameter D0 D0 Abscissa to plane (straight lead) H H Abscissa to plane (kinked lead) H0 H0 Abscissa to top (straight lead) H1 H1 max. Abscissa to top (kinked lead) H1 H1 max. Overall width w/lead protrusion (straight lead) C1 max. Overall width w/lead protrusion (kinked lead) C1 max. Overall width w/o lead protrusion (straight lead) C2 max. Overall width w/o lead protrusion (kinked lead) C2 max. Lead protrusion I 1 L 1 max. Protrusion of cutout L L max. Protrusion beyond hold-down tape I 2 I 2 Not specified Sprocket hole pitch P0 P0 Pitch tolerance 20 consecutive Device pitch: PRCP-R005-PRCP-R160 Device pitch: PRCP-R185‒PRCP-R400 Tape thickness t t max. Tape thickness with splice: PRCP-R010‒PRCP-R160 t 1 max. Tape thickness with splice: PRCP-R250‒PRCP-R1100 t 1 max. Splice sprocket hole alignment 0 Body lateral deviation ∆h ∆h 0 Body tape plane deviation ∆p ∆p 0 18 (.709) -0.5/+1.0 (-0.02/+.039) 9 (.354) -0.5/+0.75 (-0.02/+0.03) 4 (.157) ±0.2 (±.0078) 18.5 (.728) ±3.0 (±.118) 16 (.63) 32.2 (1.268) 38.0 (1.496) 43.2 (1.7) 55.0 (2.165) 42.5 (1.673) 54.0 (2.126) 1.0 (.039) 11 (.433) ±0.5 (±.02) 12.7 (0.5) 12.7 (0.5) 25.4 (1.0) 0.9 (.035) 1.5 (.059) 2.3 (.091) ±0.3 (±.012) ±1 (±.039) ±0.3 (±.012) ±0.6 (±.024) ±0.3 (±.012) ±1.0 (±.039) ±1.3 (±.051) 11 (.433) 3 (.118) DIMENSIONS = MM (INCHES) PRCP-R Series Tape and Reel Specifications |