전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLE10A2-7 데이터시트(PDF) 1 Page - Copal Electronics

부품명 SLE10A2-7
상세설명  Miniature Power Rocker Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COPAL [Copal Electronics]
홈페이지  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SLE10A2-7 데이터시트(HTML) 1 Page - Copal Electronics

  SLE10A2-7 Datasheet HTML 1Page - Copal Electronics SLE10A2-7 Datasheet HTML 2Page - Copal Electronics SLE10A2-7 Datasheet HTML 3Page - Copal Electronics SLE10A2-7 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SLE6
・SLE10
Miniature Power Rocker Switches
■Features
1. C-US UL , CSA , VDE and SEMKO approved products
2. Snap-in panel mounting
3. Compact size is suited for space-saving design.
4. Best suited for power supply of equipment.
5. Dust-proof type
6. Breaking distance is 3 mm or over.
RoHS Compliant
C-US UL
SEMKO
CSA
VDE
■ :WLJPÄJH[PVUZ
Rating
SLE6
Max. 6A 125VAC
・4A 250AC(Resistive load.)
Min.
10mA 5VAC/DC
(Resistive load.)
SLE10
Max. 10A 125VAC
・5A 250VAC(Resistive load.)
Min.
10mA 5VAC/DC
(Resistive load.)
Initial contact resistance 20m
Ω max.
(1A 2∼4V DC)
Dielectric strength
1,500VAC 1 minute
(Between terminals)
Insulation resistance
100M
Ω min. (Between terminals)
(500VDC)
Electrical life
10,000 cycles
Operating force
2.45
∼12.7N
Operating
temperature range
−25∼+85℃
Storage
temperature range
−40∼+85℃
■Part Numbering
■Terminal Styles
Terminal styles
Solder Terminal
TAB
#187
Right Angle Terminal
styles
None
2
5
4
Dimensions
t=0.8
t=0.5
t=0.8
t=0.8
■Approvals
UL File No.E43275
CSA File No.LR38341
VDE License No.120752
SEMKO File No.1312452
SLE 6 A 2 5 50
Series code
Current Switching function
Terminal style Rocker design
Rubber cover installation
ON − ON
ON − OFF
6A
10A
6
10
A
D
2
5
4
5
6
7
8
9
None
None
Unfigured
Solder Terminal
#187
TAB(t=0.5)
#187
TAB(t=0.8)
Right Angle Terminal
■Marking Color
Frame color
・Rocker color
Marking color
Black
White
The black color is standard for the frame
and the rocker.
The gray and the ivory colors are also
available as custom-made items.
Dust Proof


유사한 부품 번호 - SLE10A2-7

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
SLE10 BANNER-SLE10 Datasheet
381Kb / 7P
SLE10 Expert Series Slot Sensor
SLE10B6V BANNER-SLE10B6V Datasheet
381Kb / 7P
SLE10 Expert Series Slot Sensor
SLE10B6VQ BANNER-SLE10B6VQ Datasheet
381Kb / 7P
SLE10 Expert Series Slot Sensor
SLE10B6VY BANNER-SLE10B6VY Datasheet
381Kb / 7P
SLE10 Expert Series Slot Sensor
SLE10B6VYQ BANNER-SLE10B6VYQ Datasheet
381Kb / 7P
SLE10 Expert Series Slot Sensor
More results

유사한 설명 - SLE10A2-7

제조업체부품명데이터시트상세설명
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
Miniature Illuminated Power Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
Miniature Illuminated Power Rocker Switches
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
Miniature Power Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
Miniature Power Rocker Switches
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
Miniature Power Rocker Switches
SL10K COPAL-SL10K Datasheet
221Kb / 2P
Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com