전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADPD103BCPZ 데이터시트(PDF) 50 Page - Analog Devices

부품명 ADPD103BCPZ
상세설명  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ 데이터시트(HTML) 50 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 45Page - Analog Devices ADPD103BCPZ Datasheet HTML 46Page - Analog Devices ADPD103BCPZ Datasheet HTML 47Page - Analog Devices ADPD103BCPZ Datasheet HTML 48Page - Analog Devices ADPD103BCPZ Datasheet HTML 49Page - Analog Devices ADPD103BCPZ Datasheet HTML 50Page - Analog Devices ADPD103BCPZ Datasheet HTML 51Page - Analog Devices ADPD103BCPZ Datasheet HTML 52Page - Analog Devices ADPD103BCPZ Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 49 of 52
Address
Data
Bit
Default Access Name
Description
0x4F
[15:7]
0x41
R/W
Reserved
Write 0x41.
6
0x0
R/W
PDSO_OE
PDSO pin output enable.
5
0x0
R/W
PDSO_IE
PDSO pin input enable.
4
0x1
R/W
Reserved
Write 0x1.
[3:2]
0x0
R/W
EXT_SYNC_SEL
Sample sync select.
00: use the internal 32 kHz clock with FSAMPLE to select sample timings.
01: use the INT pin to trigger sample cycle.
10: use the PDSO pin to trigger sample cycle.
11: reserved.
1
0x0
R/W
INT_IE
INT pin input enable.
0
0x0
R/W
Reserved
Write 0x0.
0x50
[15:7]
0x000
R/W
Reserved
Write 0x000.
6
0x0
R/W
PDSO_CTRL
Controls the PDSO output when the PDSO output is enabled (PDSO_OE =
0x1).
0x0: PDSO output driven low.
0x1: PDSO output driven by the AFE power-down signal.
5
0x0
R/W
CLK32M_CAL_EN
As part of the 32 MHz clock calibration routine, write 1 to begin the clock
ratio calculation. Read the result of this calculation from the CLK_RATIO
bits in Register 0x0A.
Reset this bit to 0 prior to reinitiating the calculation.
[4:0]
0x0
R/W
Reserved
Write 0x0.
0x5F
[15:3]
0x0000
R/W
Reserved
Write 0x0000.
2
0x0
R/W
SLOTB_DATA_HOLD
Setting this bit prevents the update of the data registers corresponding to
Time Slot B. Set this bit to ensure that unread data registers are not updated,
guaranteeing a contiguous set of data from all four photodiode channels.
1: hold data registers for Time Slot B.
0: allow data register update.
1
0x0
R/W
SLOTA_DATA_HOLD
Setting this bit prevents the update of the data registers corresponding to
Time SlotA. Set this bit to ensure that unread data registers are not updated,
guaranteeing a contiguous set of data from all four photodiode channels.
1: hold data registers for Time Slot A.
0: allow data register update.
0
0x0
R/W
FIFO_ACCESS_ENA
Set to 1 twice to enable FIFO access. It is necessary to write 1 to the
FIFO_ACCESS_ENA bit in two consecutive write operations in order to
read data from the FIFO. During clock calibration, set to 1 to force the
32 MHz clock to run. For power savings, reset to 0 when the previously
described operations are complete.
1
Clock speed setting is only relevant during digital integrate mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com