전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC2125YML 데이터시트(PDF) 15 Page - Microchip Technology

부품명 MIC2125YML
상세설명  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2125YML 데이터시트(HTML) 15 Page - Microchip Technology

Back Button MIC2125YML Datasheet HTML 11Page - Microchip Technology MIC2125YML Datasheet HTML 12Page - Microchip Technology MIC2125YML Datasheet HTML 13Page - Microchip Technology MIC2125YML Datasheet HTML 14Page - Microchip Technology MIC2125YML Datasheet HTML 15Page - Microchip Technology MIC2125YML Datasheet HTML 16Page - Microchip Technology MIC2125YML Datasheet HTML 17Page - Microchip Technology MIC2125YML Datasheet HTML 18Page - Microchip Technology MIC2125YML Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2015 Microchip Technology Inc.
DS20005459B-page 15
MIC2125/6
Note:
Unless otherwise noted, VIN = 12V, FREQ = 350 kHz.
FIGURE 2-49:
Switching Waveform, IOUT =
10A.
FIGURE 2-50:
Switching Waveform, IOUT =
20A.
FIGURE 2-51:
MIC2125 Switching
Waveform, IOUT = 0A.
FIGURE 2-52:
MIC2125 Switching
Waveform, IOUT = 0.1A.
FIGURE 2-53:
Power Good at VIN Soft
Turn-On.
FIGURE 2-54:
Power Good at VIN Soft
Turn-Off.
V
IN = 12V
V
OUT = 1.2V
I
OUT = 10A
Time (2μs/div)
I
L
(10A/div)
V
SW
(5V/div)
V
OUT
(20mV/div)
(AC-coupled)
OUT
V
IN = 12V
V
OUT = 1.2V
I
OUT = 20A
Time (2μs/div)
I
L
(10A/div)
V
OUT
(20mV/div)
(AC-Coupled)
V
SW
(5V/div)
OUT
V
IN = 12V
V
OUT = 1.2V
I
OUT = 0A
Time (4μs/div)
V
DL
(5V/div)
I
L
(2A/div)
V
SW
(10V/div)
V
DH
(10V/div)
OUT
V
IN = 12V
V
OUT = 1.2V
I
OUT = 0.1A
Time (4μs/div)
V
DL
(5V/div)
I
L
(2V/div)
V
SW
(10V/div)
V
DH
(10V/div)
OUT
V
IN = 12V
V
OUT = 1.2V
I
OUT = 0A
Time (4ms/div)
V
PG
(5V/div)
V
IN
(5V/div)
V
OUT
(1V/div)
IN
V
IN = 12V
V
OUT = 1.2V
I
OUT = 0A
Time (20ms/div)
V
PG
(5V/div)
V
IN
(5V/div)
V
OUT
(1V/div)
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com