전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS80C31X2-LCAB 데이터시트(PDF) 9 Page - ATMEL Corporation

부품명 TS80C31X2-LCAB
상세설명  8-bit CMOS Microcontroller ROMless
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-LCAB 데이터시트(HTML) 9 Page - ATMEL Corporation

Back Button TS80C31X2-LCAB Datasheet HTML 5Page - ATMEL Corporation TS80C31X2-LCAB Datasheet HTML 6Page - ATMEL Corporation TS80C31X2-LCAB Datasheet HTML 7Page - ATMEL Corporation TS80C31X2-LCAB Datasheet HTML 8Page - ATMEL Corporation TS80C31X2-LCAB Datasheet HTML 9Page - ATMEL Corporation TS80C31X2-LCAB Datasheet HTML 10Page - ATMEL Corporation TS80C31X2-LCAB Datasheet HTML 11Page - ATMEL Corporation TS80C31X2-LCAB Datasheet HTML 12Page - ATMEL Corporation TS80C31X2-LCAB Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Rev. C - 15 January, 2001
9
TS80C31X2
6.2 Dual Data Pointer Register Ddptr
The additional data pointer can be used to speed up code execution and reduce code size in a number of
ways.
The dual DPTR structure is a way by which the chip will specify the address of an external data memory
location. There are two 16-bit DPTR registers that address the external memory, and a single bit called
DPS = AUXR1/bit0 (See Table 5.) that allows the program code to switch between them (Refer to Figure 3).
Figure 3. Use of Dual Pointer
External Data Memory
AUXR1(A2H)
DPS
DPH(83H) DPL(82H)
0
7
DPTR0
DPTR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42