전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS84326 데이터시트(PDF) 1 Page - Integrated Circuit Systems

부품명 ICS84326
상세설명  CRYSTAL-TO-3.3V LVPECL SERIAL ATTACHED SCSI CLOCK SYNTHESIZER/FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84326 데이터시트(HTML) 1 Page - Integrated Circuit Systems

  ICS84326 Datasheet HTML 1Page - Integrated Circuit Systems ICS84326 Datasheet HTML 2Page - Integrated Circuit Systems ICS84326 Datasheet HTML 3Page - Integrated Circuit Systems ICS84326 Datasheet HTML 4Page - Integrated Circuit Systems ICS84326 Datasheet HTML 5Page - Integrated Circuit Systems ICS84326 Datasheet HTML 6Page - Integrated Circuit Systems ICS84326 Datasheet HTML 7Page - Integrated Circuit Systems ICS84326 Datasheet HTML 8Page - Integrated Circuit Systems ICS84326 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
84326AM
www.icst.com/products/hiperclocks.html
REV. A MARCH 10, 2003
1
Integrated
Circuit
Systems, Inc.
ICS84326
CRYSTAL-TO-3.3V LVPECL
SERIAL ATTACHED SCSI CLOCK SYNTHESIZER/FANOUT BUFFER
PRELIMINARY
GENERAL DESCRIPTION
The ICS84326 is a Crystal-to-3.3V LVPECL Clock
Synthesizer/Fanout Buffer designed for Serial
Attached SCSI applications and is a member of
the HiperClockS family of High Performance Clock
Solutions from ICS. Using a 25MHz crystal, the
6 LVPECL outputs can be set for either 75MHz or 150MHz
using the frequency select pins. The low jitter/low phase noise
characteristics make it an ideal clock source for use in Serial
Attached SCSI applications or for other applications which
require a 75MHz or 150MHz reference clock.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 6 LVPECL outputs
• Crystal oscillator interface
• Output frequency: 75MHz or 150MHz
• Crystal input frequency: 25MHz
• Cycle-to-cycle jitter: 20ps (typical)
• RMS phase jitter at 150MHz, using a 25MHz crystal
(899.8KHz to 20MHz): TBD
• Phase noise:
Offset
Noise Power
100Hz ............... TBD
1KHz ............... TBD
10KHz ............... TBD
100KHz ............... TBD
• Full 3.3V or 3.3V core, 2.5V supply mode
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
HiPerClockS™
,&6
Q0:Q5
ICS84326
24-Lead, 300-MIL SOIC
7.5mm x 15.33mm x 2.3mm body package
M Package
Top View
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
1
2
3
4
5
6
7
8
9
10
11
12
VCCO
F_SEL
nc
MR
XTAL1
XTAL2
nc
VCCA
VCC
PLL_SEL
VEE
VCCO
PLL
6/
Feedback
Divider
OSC
6/
Output
Divider
0
1
XTAL1
XTAL2
PLL_SEL
MR
F_SEL
nQ0:nQ5
24
23
22
21
20
19
18
17
16
15
14
13
FUNCTION TABLE
s
t
u
p
n
Iy
c
n
e
u
q
e
r
F
t
u
p
t
u
O
R
ML
E
S
_
FT
U
O
_
F
1X
W
O
L
00
z
H
M
5
7
01
z
H
M
0
5
1
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


유사한 부품 번호 - ICS84326

제조업체부품명데이터시트상세설명
logo
Integrated Circuit Syst...
ICS8432-101 ICST-ICS8432-101 Datasheet
198Kb / 18P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B JUNE 1, 2005
logo
Renesas Technology Corp
ICS8432-101 RENESAS-ICS8432-101 Datasheet
539Kb / 21P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
APRIL 10, 2007
logo
Integrated Device Techn...
ICS8432-101 IDT-ICS8432-101_07 Datasheet
384Kb / 20P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS8432-11 ICST-ICS8432-11 Datasheet
187Kb / 16P
700MHZ/350MHZ, LOW PHASE NOISE, CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. E MAY 20, 2005
ICS8432-111 ICST-ICS8432-111 Datasheet
278Kb / 17P
700MHZ/350MHZ DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MARCH 3, 2004
More results

유사한 설명 - ICS84326

제조업체부품명데이터시트상세설명
logo
Integrated Circuit Syst...
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84324 ICST-ICS84324 Datasheet
177Kb / 14P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84325 ICST-ICS84325 Datasheet
280Kb / 15P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. B OCTOBER 11, 2004
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843S1066 IDT-ICS843S1066 Datasheet
869Kb / 12P
CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
ICS843S1333 IDT-ICS843S1333 Datasheet
765Kb / 13P
CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
843S1333D IDT-843S1333D Datasheet
336Kb / 15P
Crystal-to-3.3V LVPECL Clock Synthesizer
843256 IDT-843256 Datasheet
246Kb / 16P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
logo
Renesas Technology Corp
84314 RENESAS-84314 Datasheet
458Kb / 20P
350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer
January 8, 2016
843S1333D RENESAS-843S1333D Datasheet
529Kb / 16P
Crystal-to-3.3V LVPECL Clock Synthesizer
December 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15