전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSMTF-3.3V 데이터시트(PDF) 2 Page - IQD Frequency Products Ltd

부품명 LSMTF-3.3V
상세설명  Crystal Clock Oscillator Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IQD [IQD Frequency Products Ltd]
홈페이지  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

LSMTF-3.3V 데이터시트(HTML) 2 Page - IQD Frequency Products Ltd

  LSMTF-3.3V Datasheet HTML 1Page - IQD Frequency Products Ltd LSMTF-3.3V Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LSM TF 3.3V
Crystal Clock Oscillator Specification
Output Levels
Output Low (Vol): 0.2V max
Output High (Voh): 4.8V min
Environmental Parameters
Shock: 5000G, 0.3ms, 1/2 sine
Vibration: 10G rms, 10-2000Hz
Storage Temperature Range: -55 to 125°C
Manufacturing Details
Process Temperature: 260°C max for 20sec max
Ordering Information
Frequency*
Model*
Supply Voltage
Termination Variant*
Frequency Tolerance*
Operating Temperature Range*
Tri-State or N/C*
(*minimum required)
Termination Variants:
SM1 - Gold Plated (Lead Free)
SM3 - Solder Dipped
SM5 - Solder Dipped (Lead Free)
Example:
32.768kHz LSM TF 3.3V -SM1
CMOS ±100ppm -40 to 85C TS
Compliance
Optional
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Supplied on a tray
Pack Style: Tray
Pack Size: 100
Electrical Specification - maximum limiting values 3.3V ±10%
Frequency
Min
Frequency
Max
Temperature
Range
Stability
(Min)
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppm
mA
ns
%
0.01
50
-10 to 70
30.00kHz
200.0kHz
40/60%
-
0.01
50
-40 to 85
40/60%
-
0.01
50
-55 to 125
40/60%
-
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 27 Apr 16 15:24 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com