전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSOX6USBFL 데이터시트(PDF) 2 Page - Keysight Technologies

부품명 DSOX6USBFL
상세설명  Serial Bus Options for InfiniiVision
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBFL 데이터시트(HTML) 2 Page - Keysight Technologies

  DSOX6USBFL Datasheet HTML 1Page - Keysight Technologies DSOX6USBFL Datasheet HTML 2Page - Keysight Technologies DSOX6USBFL Datasheet HTML 3Page - Keysight Technologies DSOX6USBFL Datasheet HTML 4Page - Keysight Technologies DSOX6USBFL Datasheet HTML 5Page - Keysight Technologies DSOX6USBFL Datasheet HTML 6Page - Keysight Technologies DSOX6USBFL Datasheet HTML 7Page - Keysight Technologies DSOX6USBFL Datasheet HTML 8Page - Keysight Technologies DSOX6USBFL Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Introduction
Serial buses are pervasive in today’s digital designs and are used for a variety of purposes including on-
board chip-to-chip communication, CPU to peripheral control, as well as for remote sensor data transfer
and control.
Without intelligent oscilloscope serial bus triggering and protocol decode, it can be difficult to debug
these buses and correlate data transfers with other mixed signal interactions in your system. Keysight
Technologies, Inc. InfiniiVision X-Series oscilloscopes (DSOs) and mixed-signal oscilloscopes (MSOs) offer
optional integrated serial bus triggering and hardware-based protocol decoding solutions that give you the
tools you need to accelerate debug of your designs that include serial bus communication.
Supported Protocols and Features
– I2C
– SPI
– RS232/UART
– CAN
– CAN FD (except 2000 X-Series)
– CAN-dbc symbolic decode and trigger (except 2000 X-Series)
– LIN
– LIN-ldf symbolic decode and trigger (except 2000 X-Series)
– SENT (3000T, 4000 and 6000 X-Series only)
– CXPI (3000T and 4000 X-Series only)
– FlexRay (except 2000 X-Series)
– USB 2.0 low- and full-speed (4000 and 6000 X-Series)
– USB 2.0 hi-speed (4000 and 6000 X-Series only)
– USB 2.0 signal quality (4000 and 6000 X-Series only)
– I2S (except 2000 X-Series)
– MIL-STD 1553 (except 2000 X-Series)
– ARINC 429 (except 2000 X-Series)
– Hardware-based decoding
– Multi-bus analysis (except 2000 X-Series)
– Automatic search and navigation
– Compatibility with segmented memory acquisition
– Eye-diagram mask files available for CAN, FlexRay, MIL-STD 1553, and ARINC 429 (requires
DSOX2MASK/DSOX3MASK/DSOX4MASK/DSOX6MASK mask test option)
– FlexRay physical layer conformance test software (except 2000 X-Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26