| 전자부품 데이터시트 검색엔진 |
|
UCS1003-3 데이터시트(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS1003-3 데이터시트(HTML) 15 Page - Microchip Technology |
|
15 / 138 page ![]() 2014-2015 Microchip Technology Inc. DS20005346B-page 15 UCS1003-1/2/3 FIGURE 1-2: Description of DC Terms. TABLE 1-3: TEMPERATURE SPECIFICATIONS Parameters Sym Min Typ Max Units Conditions Temperature Ranges Operating Temperature Range TA -40 — +85 °C Storage Temperature Range TA -55 — +150 °C Thermal Package Resistances (see Table 1-1) DPIN DPOUT RCHG VBUS VTST RCHG ITST DMIN RCHG VBUS VTST RCHG ITST DMOUT |