| 전자부품 데이터시트 검색엔진 |
|
MSKW2000 데이터시트(PDF) 2 Page - Total Power International |
|
|
|||||||||||||||||||||||||||||
MSKW2000 데이터시트(HTML) 2 Page - Total Power International |
|
2 / 5 page ![]() MSKW2000 SERIES DC/DC CONVERTER 5W, SMD-Package Input Specifications Parameter Model Min. Typ. Max. Unit 12V Input Models -0.7 --- 25 24V Input Models -0.7 --- 50 Input Surge Voltage (1 sec. max.) 48V Input Models -0.7 --- 100 12V Input Models 7.5 8 9 24V Input Models 14 16 18 Start-Up Voltage 48V Input Models 30 33 36 12V Input Models 6.5 7 8 24V Input Models 13 15 17 Under Voltage Shutdown 48V Input Models 28 31 34 VDC Reverse Polarity Input Current --- --- 1 A Short Circuit Input Power --- 1000 3000 mW Internal Power Dissipation --- --- 2500 mW Conducted EMI All Models Compliance to EN 55022,class A and FCC part 15,class A Output Specifications Parameter Conditions Min. Typ. Max. Unit Output Voltage Accuracy --- ±0.5 ±1.0 % Output Voltage Balance Dual Output, Balanced Loads --- ±0.5 ±2.0 % Line Regulation Vin=Min. to Max. --- ±0.1 ±0.3 % Load Regulation Io=20% to 100% --- ±0.3 ±1.0 % Ripple & Noise (20MHz) --- 50 85 mV P-P Ripple & Noise (20MHz) Over Line, Load & Temp. --- --- 100 mV P-P Ripple & Noise (20MHz) --- --- 15 mV rms Transient Recovery Time --- 250 500 uS Transient Response Deviation 25% Load Step Change --- ±2 ±6 % Temperature Coefficient --- ±0.01 ±0.02 %/ ℃ Over Load Protection Foldback 115 140 165 % Short Circuit Protection Continuous General Specifications Parameter Conditions Min. Typ. Max. Unit I/O Isolation Voltage (rated) 60 Seconds 1500 --- --- VDC I/O Isolation Resistance 500 VDC 1000 --- --- MΩ I/O Isolation Capacitance 100KHz, 1V --- 650 750 pF Switching Frequency 200 260 350 KHz MTBF (calculated) MIL-HDBK-217F@25 ℃, Ground Benign 1,000,000 --- --- Hours Moisture Sensitivity Level (MSL) IPC/JEDEC J-STD-020D Level 2 Input Fuse 12V Input Models 24V Input Models 48V Input Models 1500mA Slow-Blow Type 700mA Slow-Blow Type 350mA Slow-Blow Type Remote On/Off Control Parameter Conditions Min. Typ. Max. Unit Converter On 2.5V ~ 5.5V or Open Circuit Converter Off -0.7V ~ 0.8V Control Input Current (on) Vctrl = Min. to Max. --- --- -200 uA Control Input Current (off) Vctrl = Min. to Max. --- --- -300 uA Control Common Referenced to Negative Input Standby Input Current --- --- 10 mA Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com Tota Total Power International, Inc. |