| 전자부품 데이터시트 검색엔진 |
|
P4SMFJ33 데이터시트(PDF) 2 Page - Yea Shin Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
P4SMFJ33 데이터시트(HTML) 2 Page - Yea Shin Technology Co., Ltd |
|
2 / 4 page ![]() Package BreakdownVoltage Test Current Reverse Leakage Max. Clamp Voltage Peak Pulse Current SMF Reverse Stand-of f Voltage VBR@IT IR@ VRWM Part Number VRWM Min. Max. IT UNI BI Vc@Ipp Ipp Device Marking Code UNI BI V V V m A µA µA V A UNI BI 400W Transient Voltage Suppresor P4SMFJ5.0 P4SMFJ5.0C 5.0 6.40 7.82 10 800.0 1600.0 9.6 41.7 5.0V 5.0C P4SMFJ5.0A P4SMFJ5.0CA 5.0 6.40 7.07 10 800.0. 1600.0 9.2 43.85 5.0A 5.0D P4SMFJ6.0 P4SMFJ6.0C 6.0 6.67 8.15 10 800.0 1600.0 11.4 35.1 6.0V 6.0C P4SMFJ6.0A P4SMFJ6.0CA 6.0 6.67 7.37 10 800.0 1600.0 10.3 38.8 6.0A 6.0D P4SMFJ6.5 P4SMFJ6.5C 6.5 7.22 8.82 10 500.0 1000.0 12.3 32.5 6.5V 6.5C P4SMFJ6.5A P4SMFJ6.5CA 6.5 7.22 7.98 10 500.0 1000.0 11.2 35.7 6.5A 6.5D P4SMFJ7.0 P4SMFJ7.0C 7.0 7.78 9.51 10 200.0 400.0 13.3 30.1 7.0V 7.0C P4SMFJ7.0A P4SMFJ7.0CA 7.0 7.78 8.60 10 200.0 400.0 12.0 33.3 7.0A 7.0D P4SMFJ7.5 P4SMFJ7.5C 7.5 8.33 10.20 1 100.0 200.0 14.3 28.0 7.5V 7.5C P4SMFJ7.5A P4SMFJ7.5CA 7.5 8.33 9.21 1 100.0 200.0 12.9 31.0 7.5A 7.5C P4SMFJ8.0 P4SMFJ8.0C 8.0 8.89 10.90 1 50.0 100.0 15.0 26.7 8.0V 8.0D P4SMFJ8.0A P4SMFJ8.0CA 8.0 8.89 9.83 1 50.0 100.0 13.6 29.4 8.0A 8.0C P4SMFJ8.5 P4SMFJ8.5C 8.5 9.44 11.50 1 10.0 20.0 15.9 25.2 8.5V 8.5D P4SMFJ8.5A P4SMFJ8.5CA 8.5 9.44 10.40 1 10.0 20.0 14.4 27.8 8.5A 8.5C P4SMFJ9.0 P4SMFJ9.0C 9.0 10.00 12.20 1 5.0 10.0 16.9 23.7 9.0V 9.0D P4SMFJ9.0A P4SMFJ9.0CA 9.0 10.00 11.10 1 5.0 10.0 15.4 26.0 9.0A 9.0C P4SMFJ10 P4SMFJ10C 10.0 11.10 13.60 1 5.0 10.0 18.8 21.3 10V 10D P4SMFJ10A P4SMFJ10CA 10.0 11.10 12.30 1 5.0 10.0 17.0 23.5 10A 10C P4SMFJ11 P4SMFJ11C 11.0 12.20 14.90 1 5.0 5.0 20.1 19.9 11V 11D P4SMFJ11A P4SMFJ11CA 11.0 12.20 13.50 1 5.0 5.0 18.2 22.0 11A 11C P4SMFJ12 P4SMFJ12C 12.0 13.30 16.30 1 5.0 5.0 22.0 18.2 12V 12D P4SMFJ12A P4SMFJ12CA 12.0 13.30 14.70 1 5.0 5.0 19.9 20.1 12A 12C P4SMFJ13 P4SMFJ13C 13.0 14.40 17.60 1 5.0 5.0 23.8 16.8 13V 13D P4SMFJ13A P4SMFJ13CA 13.0 14.40 15.90 1 5.0 5.0 21.5 18.6 13A 13C P4SMFJ14 P4SMFJ14C 14.0 15.60 19.10 1 5.0 5.0 25.8 15.5 14V 14D P4SMFJ14A P4SMFJ14CA 14.0 15.60 17.20 1 5.0 5.0 23.2 17.2 14A 14C P4SMFJ15 P4SMFJ15C 15.0 16.70 20.40 1 5.0 5.0 26.9 14.9 15V 15C P4SMFJ15A P4SMFJ15CA 15.0 16.70 18.50 1 5.0 5.0 24.4 16.4 15A 15D P4SMFJ16 P4SMFJ16C 16.0 17.80 21.80 1 5.0 5.0 28.8 13.9 16V 16C P4SMFJ16A P4SMFJ16CA 16.0 17.80 19.70 1 5.0 5.0 26.0 15.4 16A 16D P4SMFJ17 P4SMFJ17C 17.0 18.90 23.10 1 5.0 5.0 30.5 13.1 17V 17C P4SMFJ17A P4SMFJ17CA 17.0 18.90 20.90 1 5.0 5.0 27.6 14.5 17A 17D P4SMFJ18 P4SMFJ18C 18.0 20.00 24.40 1 5.0 5.0 32.2 12.4 18V 18C P4SMFJ18A P4SMFJ18CA 18.0 20.00 22.10 1 5.0 5.0 29.2 13.7 18A 18D P4SMFJ20 P4SMFJ20C 20.0 22.20 27.10 1 5.0 5.0 35.8 11.2 20V 20C P4SMFJ20A P4SMFJ20CA 20.0 22.20 24.50 1 5.0 5.0 32.4 12.3 20A 20D P4SMFJ22 P4SMFJ22C 22.0 24.40 29.80 1 5.0 5.0 39.4 10.2 22V 22C P4SMFJ22A P4SMFJ22CA 22.0 24.40 26.90 1 5.0 5.0 35.5 11.3 22A 22D P4SMFJ24 P4SMFJ24C 24.0 26.70 32.60 1 5.0 5.0 43.0 9.3 24V 24C P4SMFJ24A P4SMFJ24CA 24.0 26.70 29.50 1 5.0 5.0 38.9 10.3 24A 24D P4SMFJ26 P4SMFJ26C 26.0 28.90 35.30 1 5.0 5.0 46.6 8.6 26V 26C P4SMFJ26A P4SMFJ26CA 26.0 28.90 31.90 1 5.0 5.0 42.1 9.5 26A 26D P4SMFJ28 P4SMFJ28C 28.0 31.10 38.00 1 5.0 5.0 50.0 8.0 28V 28C P4SMFJ28A P4SMFJ28CA 28.0 31.10 34.40 1 5.0 5.0 45.4 8.8 28A 28D P4SMFJ30 P4SMFJ30C 30.0 33.30 40.70 1 5.0 5.0 53.5 7.5 30V 30C P4SMFJ30A P4SMFJ30CA 30.0 33.30 36.80 1 5.0 5.0 48.4 8.3 30A 30D P4SMFJ33 P4SMFJ33C 33.0 36.70 44.90 1 5.0 5.0 59.0 6.8 33V 33C http://www.yeashin.com 2 REV.03 20150105 P4SMFJ -A Series |