| 전자부품 데이터시트 검색엔진 |
|
AP431IAYA 데이터시트(PDF) 16 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AP431IAYA 데이터시트(HTML) 16 Page - Anachip Corp |
|
16 / 17 page ![]() Adjustable Precision Shunt Regulator AP431/AP431A Anachip Corp. www.anachip.com.tw Rev.1.0 May.7, 2004 16/17 (2)TO92 TAPING H2A H2A D1 F1 F2 P1 P P2 D L L1 A D2 H1 H4 H3 H W1 W H2 H2 T2 T T1 Millimeters Inches Symbol Min. Typ. Max. Min. Typ. Max. A 3.18 7.59 12 0.125 0.299 0.472 D 3.8 4 4.2 0.150 0.157 0.165 D1 0.36 0.445 0.53 0.014 0.018 0.021 D2 - - 9.0 - - 0.354 F1,F2 2.4 2.5 2.7 0.094 0.098 0.106 F1-F2 - 0.30 - - ±0.012 - H 15.5 16 16.5 0.610 0.630 0.650 H1 8.5 9 9.5 0.335 0.354 0.374 H2 - - 0.5 - - 0.020 H2A - - 0.5 - - 0.020 H3 - - 27 - - 1.063 H4 - - 20 - - 0.787 L - - 11 - - 0.433 L1 2.5 - - 0.098 - - P 12.5 12.7 12.9 0.492 0.500 0.508 P1 5.95 6.35 6.75 0.234 0.250 0.266 P2 50.3 50.8 51.3 1.980 2.000 2.020 T - - 0.55 - - 0.022 T1 - - 1.42 - - 0.056 T2 0.36 0.52 0.68 0.014 0.020 0.027 W 17.5 18.25 19 0.689 0.719 0.748 W1 5 6 7 0.197 0.236 0.276 ----* 253 254 255 9.961 10.000 10.039 ----* = every 20 pcs distance. |