전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2574 데이터시트(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM2574
상세설명  SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2574 데이터시트(HTML) 22 Page - National Semiconductor (TI)

Back Button LM2574 Datasheet HTML 16Page - National Semiconductor (TI) LM2574 Datasheet HTML 17Page - National Semiconductor (TI) LM2574 Datasheet HTML 18Page - National Semiconductor (TI) LM2574 Datasheet HTML 19Page - National Semiconductor (TI) LM2574 Datasheet HTML 20Page - National Semiconductor (TI) LM2574 Datasheet HTML 21Page - National Semiconductor (TI) LM2574 Datasheet HTML 22Page - National Semiconductor (TI) LM2574 Datasheet HTML 23Page - National Semiconductor (TI) LM2574 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Definition of Terms (Continued)
INDUCTOR SATURATION
The condition which exists when an inductor cannot hold any
more magnetic flux. When an inductor saturates, the induc-
tor appears less inductive and the resistive component domi-
nates. Inductor current is then limited only by the DC resis-
tance of the wire and the available source current.
OPERATING VOLT MICROSECOND CONSTANT (E
•T
op)
The product (in VoIt
•µs) of the voltage applied to the inductor
and the time the voltage is applied. This E
•T
op constant is a
measure of the energy handling capability of an inductor and
is dependent upon the type of core, the core area, the num-
ber of turns, and the duty cycle.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24