전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N74F07D 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 N74F07D
상세설명  Inverter/buffer drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F07D 데이터시트(HTML) 2 Page - NXP Semiconductors

  N74F07D Datasheet HTML 1Page - NXP Semiconductors N74F07D Datasheet HTML 2Page - NXP Semiconductors N74F07D Datasheet HTML 3Page - NXP Semiconductors N74F07D Datasheet HTML 4Page - NXP Semiconductors N74F07D Datasheet HTML 5Page - NXP Semiconductors N74F07D Datasheet HTML 6Page - NXP Semiconductors N74F07D Datasheet HTML 7Page - NXP Semiconductors N74F07D Datasheet HTML 8Page - NXP Semiconductors N74F07D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product data
74F07
Hex inverter/buffer drivers (open-collector)
2
2004 Mar 12
FEATURES
• Open Collector output drive 64mA
• High speed
• 12V output termination voltage
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F07
4.5ns
32mA
ORDERING INFORMATION
DESCRIPTION
TYPE NUMBER
PKG DWG #
14-pin plastic small outline package
N74F07D
SOT108–1
14-pin plastic dual in-line package
N74F07N
SOT27–1
PIN CONFIGURATIONS
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
Y4
A3
Y3
A4
A5
Y5
A0
Y0
Y2
A1
Y1
A2
SF00017
74F07
LOGIC SYMBOLS
46
8
10
13
5
9
11 13
VCC = Pin 14
GND = Pin 7
SF00019
A0
A1 A2
A3 A4 A5
2
Y0
Y1 Y2
Y3
Y4 Y5
12
74F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11