전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM1492AF 데이터시트(PDF) 3 Page - Mitsumi Electronics, Corp.

부품명 MM1492AF
상세설명  I2C BUS Controlled 5-Input 2-Output AV Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUMI [Mitsumi Electronics, Corp.]
홈페이지  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1492AF 데이터시트(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM1492AF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MITSUMI
I2C BUS Controlled 5-Input 2-Output AV Switch MM1492AF
Pin Assignment
SOP-44B
1
369
24 58
7
10 11
44
40
37
43
41
39 38
36
42
34
12
33
13
32
14
31
15
30
16
29
17
28
18
27
19
26
20
25
21
24
22
23
35
1
V1-V
12
S2
23
VOUT2
34
YIN1
2
V1-L
13
V3-V
24
ROUT2
35
ROUT1
3
V1-Y
14
V3-L
25
COUT2
36
LOUT1
4
V1-R
15
V3-R
26
LOUT2
37
VOUT1
5
V1-C
16
STV-V
27
YOUT2
38
BIAS
6
S1
17
STV-L
28
GND
39
YOUT1
7
V2-V
18
STV-R
29
SDA
40
VCC
8
V2-L
19
YIN2
30
SCL
41
COUT1
9
V2-Y
20
ADR
31
MUTE
42
MTV-R
10
V2-R
21
CIN2
32
CIN1
43
MTV-V
11
V2-C
22
GND
33
GND
44
MTV-L
Pin No. Pin name
Functions
Internal equivalet circuit diagram
1
V1-V
Video input terminal
3
V1-Y
(Composite or Y)
7
V2-V
*Sync chip clamp
9
V2-Y
13
V3-V
16
STV-V
19
YIN2
34
YIN1
43
MTV-V
2
V1-L
Audio input terminal
4
V1-R
8
V2-L
10
V2-R
14
V3-L
15
V3-R
17
STV-L
18
STV-R
42
MTV-R
44
MTV-L
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14