전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MRF572 데이터시트(PDF) 1 Page - Advanced Semiconductor

부품명 MRF572
상세설명  SILICON NPN RF TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASI [Advanced Semiconductor]
홈페이지  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF572 데이터시트(HTML) 1 Page - Advanced Semiconductor

  MRF572 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 1.0 mA
12
V
BVCBO
IC = 100
µA
20
V
ICBO
VCB = 8.0 V
200
µµµµA
BVEBO
IE = 50
µA
1.5
V
hFE
VCE = 8.0 V
IC = 10 mA
30
300
---
Ccb
VCB = 8.0 V
f = 1.0 MHz
0.25
pF
ft
VCE = 8.0 V
IC = 25 mA
f = 1.0 GHz
8.0
GHz
||||S21E||||2
VCE = 8.0 V
IC = 25 mA
f = 1.0 GHz
f = 2.0 GHz
16.9
12.0
dB
GNF
VCE = 8.0 V
IC = 0 mA
f = 0.5 GHz
f = 1.0 GHz
f = 2.0 GHz
10
16.5
12
dB
NF
VCE = 8.0 V
IC = 0 mA
f = 0.5 GHz
f = 1.0 GHz
f = 2.0 GHz
1.0
1.5
2.5
2.0
dB
SILICON NPN RF TRANSISTOR
MRF572
DESCRIPTION:
The
MRF572 is Designed for Low
Noise General Purpose VHF,UHF
Amplifier and Oscillator Applications.
MAXIMUM RATINGS
IC
60 mA
VCE
12 V
PDISS
500 mW @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
PACKAGE STYLE 100MIL CERAMIC STRIPLINE
1 = Collector
2 & 4 = Emitter
3 = Base


유사한 부품 번호 - MRF572

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
MRF572 NJSEMI-MRF572 Datasheet
84Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTORS
More results

유사한 설명 - MRF572

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com