| 전자부품 데이터시트 검색엔진 |
|
CS89712-CB 데이터시트(PDF) 8 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS89712-CB 데이터시트(HTML) 8 Page - Cirrus Logic |
|
8 / 170 page ![]() CS89712 8 DS502PP2 current. Also, the internal peripheral’s signals get set to their Reset State. When first powered, or reset by the nPOR (Power On Reset, active low) signal, the CS89712 is forced into the Standby State. This is known as a cold re- set, and when leaving the Standby State after a cold reset, external wake up is the only way to wake up the device. When leaving the Standby State after non-cold reset conditions (i.e., the software has forced the device into the Standby State), the tran- sition to the Operating State can be caused by a ris- ing edge on the WAKEUP input signal or by an enabled interrupt. Normally, when entering the Standby State from the Operating State, the soft- ware will leave some interrupt sources enabled. Note: The CPU cannot be awakened by the TINT, WEINT, and BLINT interrupts when in the Standby State. Typically, software writes to the Standby internal memory location to cause the transition from the Operating State to the Standby State. Before enter- ing the Standby State, if external I/O devices (such as the CL-PS6700s connected to nCS[4] or nCS[5]) are in use, the software must ensure that they are idle before writing to the Standby State location. Before entering the Standby State, the software must properly disable the DAI. Failing to do so will result in higher than expected power consumption in the Standby State, as well as unpredictable oper- ation of the DAI. The DAI can be re-enabled after transitioning back to the Operating State. The system can also be forced into the Standby State by hardware if the nPWRFL or nURESET in- puts are forced low. The only exit from the Standby State is to the Operating State. The system will only transition to the Operating State from the Standby State under the following conditions: when the nPWRFL input pin is high, when the nEXTPWR input pin is low, or when the BATOK input pin is high. This prevents the system from starting when the power supply is inadequate Address (W/B) Operating Idle Standby nPOR RESET nURESET RESET SDRAM Control On On SELFREF Off N/A UARTs On On Off Reset Reset LCD FIFO On On Reset Reset Reset LCD On On Off Reset Reset ADC Interface On On Off Reset Reset SSI2 Interface On On Off Reset Reset DAI Interface On On Off Reset Reset CODEC On On Off Reset Reset Timers On On Off Reset Reset RTC On On OnOnOn LED Flasher On On On Reset Reset DC-to-DC On On Off Reset Reset CPU On Off Off Reset Reset Interrupt Control On On On Reset Reset PLL/CLKEN Signal On On Off Off Off Table 1. Peripheral Status in Different Power Management States |