전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FLOWLB03 데이터시트(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 FLOWLB03
상세설명  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

FLOWLB03 데이터시트(HTML) 23 Page - National Semiconductor (TI)

Back Button FLOWLB03 Datasheet HTML 16Page - National Semiconductor (TI) FLOWLB03 Datasheet HTML 17Page - National Semiconductor (TI) FLOWLB03 Datasheet HTML 18Page - National Semiconductor (TI) FLOWLB03 Datasheet HTML 19Page - National Semiconductor (TI) FLOWLB03 Datasheet HTML 20Page - National Semiconductor (TI) FLOWLB03 Datasheet HTML 21Page - National Semiconductor (TI) FLOWLB03 Datasheet HTML 22Page - National Semiconductor (TI) FLOWLB03 Datasheet HTML 23Page - National Semiconductor (TI) FLOWLB03 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
5-Lead TO-263 (S)
Order Number LM2576S-3.3, LM2576S-5.0,
LM2576S-12,LM2576S-15, LM2576S-ADJ,
LM2576HVS-3.3, LM2576HVS-5.0, LM2576HVS-12,
LM2576HVS-15, or LM2576HVS-ADJ
NS Package Number TS5B
5-Lead TO-263 in Tape & Reel (SX)
Order Number LM2576SX-3.3, LM2576SX-5.0,
LM2576SX-12, LM2576SX-15, LM2576SX-ADJ,
LM2576HVSX-3.3, LM2576HVSX-5.0, LM2576HVSX-12,
LM2576HVSX-15, or LM2576HVSX-ADJ
NS Package Number TS5B
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24