| 전자부품 데이터시트 검색엔진 |
|
MCP19035T-BAABE/MF 데이터시트(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP19035T-BAABE/MF 데이터시트(HTML) 12 Page - Microchip Technology |
|
12 / 44 page ![]() MCP19035 DS22326B-page 12 2012-2013 Microchip Technology Inc. 3.9 Switching Node Pin (PHASE) This pin provides a return path for the high-side gate driver. It also provides a path for the charging of the BOOT capacitor, used while turning on the high-side MOSFET. This pin also senses the switching transition to eliminate cross conduction (shoot-through). 3.10 Upper Gate Drive Pin (HDRV) This pin is the high-side N-channel MOSFET (control transistor) gate drive output. The HDRV drive is capable of sourcing and sinking 1A. 3.11 Exposed Thermal Pad (EP) Analog ground and power ground are both connected to this pin. |