전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EC2-9TNP 데이터시트(PDF) 2 Page - NEC

부품명 EC2-9TNP
상세설명  COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

EC2-9TNP 데이터시트(HTML) 2 Page - NEC

  EC2-9TNP Datasheet HTML 1Page - NEC EC2-9TNP Datasheet HTML 2Page - NEC EC2-9TNP Datasheet HTML 3Page - NEC EC2-9TNP Datasheet HTML 4Page - NEC EC2-9TNP Datasheet HTML 5Page - NEC EC2-9TNP Datasheet HTML 6Page - NEC EC2-9TNP Datasheet HTML 7Page - NEC EC2-9TNP Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
EC2 SERIES
DATA SHEET ER0002EJ4V0DS00
OUTLINE DRAWING AND DIMENSIONS
PAD LAYOUT (bottom view)
Unit : mm (inch)
MARKINGS
EC2-5NU
9206
JAPAN
JAPAN
1
4
3
6
5
2
EC2-5
9206
1
4
3
5
2
q Part number
w Manufacturer
e Country of origin
r Date code
t Index mark of relay direction
(pin No. 1, 12)
y UL, CSA Marking
Standard type
UL recognized,
CSA certified type
PIN CONFIGURATIONS (bottom view)
7.5 (0.30) MAX.
5.08
0.25
(0.01)
0.5
(0.02)
15.0 (0.59) MAX.
5.08 2.54 2.54 2.54
(0.20)(0.10)(0.10)(0.10)
(0.20)
Note. General tolerance :
0.2 ( 0.008)
Dimensions in
show basic size.
NJ type : Leads-2.8 mm (0.11)
+
–
+
–
Note. General tolerance : 0.1 ( 0.004)
+
–
+
–
4
× 2.54 (0.1)
8 - 0.8 (0.31)
5
× 2.54 (0.1)
2.54
(0.10)
2.54
(0.10)
10- 0.8 (0.31)
φφ
Non-latch and Single coil latch
Double coil latch
Index mark of
relay direction
Non-latch type
(not energized position)
Single coil latch type
(reset position)
Double coil latch type
(reset position)
S : Coil polarity of set (operate)
R : Coil polarity of reset (release)
13
4
5
6
12
10
9
8
7
13
4
5
12
10
9
8
13
4
5
12
10
9
S
RS
R
8
SAFETY STANDARD AND RATING
UL Recognized
(UL508)∗
File No E73266
CSA Certificated
(CSA C22.2 No 14)
File No LR46266
30 Vdc, 2A
(Resistive)
110 Vdc, 0.3A (Resistive)
125 Vdc, 0.5A (Resistive)
∗ Spacing : UL114, UL478
TUV Certificate
(EN60255 / IEC60255)
Creepage and clearance of
coil to contact is more than 2 mm.
(According EN60950)
Basic insulation class
No. R 9751153
(Nonlatch and Single-coil-latch)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com