전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DDP3310B 데이터시트(PDF) 47 Page - Micronas

부품명 DDP3310B
상세설명  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRONAS [Micronas]
홈페이지  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B 데이터시트(HTML) 47 Page - Micronas

Back Button DDP3310B Datasheet HTML 43Page - Micronas DDP3310B Datasheet HTML 44Page - Micronas DDP3310B Datasheet HTML 45Page - Micronas DDP3310B Datasheet HTML 46Page - Micronas DDP3310B Datasheet HTML 47Page - Micronas DDP3310B Datasheet HTML 48Page - Micronas DDP3310B Datasheet HTML 49Page - Micronas DDP3310B Datasheet HTML 50Page - Micronas DDP3310B Datasheet HTML 51Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
47
4.6.4.4. Reset Input, Test Input
4.6.4.5. Half-Contrast Input
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
RESQ
TEST
−−
2.0
V
VIH
Input High Voltage
3.2
−−
V
CIN
Input Capacitance
−
5
−
pF
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
HCS
−−
0.8
V
VIH
Input High Voltage
2.0
−−
V
CIN
Input Capacitance
−
5
−
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60